Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 12Page - STMicroelectronics TDA7529 Datasheet HTML 13Page - STMicroelectronics TDA7529 Datasheet HTML 14Page - STMicroelectronics TDA7529 Datasheet HTML 15Page - STMicroelectronics TDA7529 Datasheet HTML 16Page - STMicroelectronics TDA7529 Datasheet HTML 17Page - STMicroelectronics TDA7529 Datasheet HTML 18Page - STMicroelectronics TDA7529 Datasheet HTML 19Page - STMicroelectronics TDA7529 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Function description
TDA7529
16/60
3.10
GPIO - general purpose IO interface pins
The front-end has seven GPIO - general purpose control pins to switch external stages
(output), e.g amplifiers, or to read the status of external stages (input), e.g. control voltages.
Some control pins are multiplexed with other functions that are not necessary in every tuner
design (FM AGC keying, AM cascode control). All the GPIOs may put in tristate or in enable
mode. When in enable the GPIOs can be configured as shown in the following table.
All GPIOs are short-circuit protected by current limiter and voltage-tolerant up to 3.5V.
Table 5.
GPIO - general purpose IO interface pins
GPIO ports
FUNCTION
GPIO1
selects function of GPIO1: if input, connects
GPIO1 to ADC (ADC must then be configured
to use GPIO1 as input); if output, level depends
on GPIO Out Lev Ctrl
→ GPIO1
- AnlgIn to AD
- DigOut
GPIO2
selects function of GPIO2: if input, connects
GPIO2 to ADC (ADC must then be configured
to use GPIO2 as input) and to KAGC (FM
KAGC must then be enabled); if output, level
depends on GPIO Out Lev Ctr
→ GPIO2
- AnlgIn to AD – Kagc In
- DigOut
GPIO4
selects function of GPIO4: if input, configures
GPIO4 as AM Cascode VDS input; if output,
level depends on GPIO Out Lev Ctrl
→ GPIO4
- AnlgIn
- DigOut
GPIO5
selects function of GPIO5: if input, it is directly
connected to read-only register byte 48 bit 4; if
output, level depends on GPIO Out Lev Ctrl
→
GPIO5.
When set to input, it is necessary to set IF AMP
→ GPIO5 out mode to “ON GPIO5 out En”
(labels are wrong).
Also used for production testing as analog
output (not relevant for application).
- DigIn
- Out (Dig or Anlg)
GPIO6
selects function of GPIO6 if device is
configured in I2C mode: if input, it is directly
connected to read-only register byte 48 bit 5; if
output, level depends on GPIO Out Lev Ctrl
→
GPIO5.
When the device is configured in SPI mode,
program GPIO Out Lev Ctr
→ GPIO5 to “Low”.
The value of GPIO mode
→ GPIO5 does not
matter
- Din (spi MISO out)
- Dout (spi MISO out)
GPIO7
selects function of GPIO7: if digital output is
selected, level depends on GPIO Out Lev Ctrl
→ GPIO7; otherwise, configures GPIO7 as FM
AGC Vout
- Digital Out
- FM agc Vout
GPIO8
selects function of GPIO8: if output, level
depends on GPIO Out Lev Ctrl
→ GPIO8;
otherwise, configures GPIO8 as AM AGC Vout
- Digital Out
- AM agc Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com