Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 24Page - STMicroelectronics TDA7529 Datasheet HTML 25Page - STMicroelectronics TDA7529 Datasheet HTML 26Page - STMicroelectronics TDA7529 Datasheet HTML 27Page - STMicroelectronics TDA7529 Datasheet HTML 28Page - STMicroelectronics TDA7529 Datasheet HTML 29Page - STMicroelectronics TDA7529 Datasheet HTML 30Page - STMicroelectronics TDA7529 Datasheet HTML 31Page - STMicroelectronics TDA7529 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Electrical specifications
TDA7529
28/60
4.17
Serial Data Interface
Table 24.
Serial Data Interface
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
VDD
Supply voltage
2.7
3.5
V
fclk
Clock frequency
Guaranteed range @ SPI
Guaranteed range @ I2C
4
1
MHz
MHz
Power On Delay time
Ready for communication
after Power-On-Reset
10
ms
High level output voltage
Output signals
VDD-0.3
VDD
V
Low level output voltage
Output signals
-0.05
0.3
V
High level source current
Output signals
0.08
0.1
mA
low level sink current
Output signals
0.8
1
mA
Rise / fall time
Output signals, 90%
15
25
40
ns
High level input voltage
Input signals, except AS
2.0
3.5
V
Low level input voltage
Input signals, except AS
-0.05
1.0
V
High level input voltage
AS input signal
2.2
3.5
V
Medium level input voltage
AS input signal
1.1
1.7
V
Low level input voltage
AS input signal
-0.05
0.6
V
Input impedance
Input signals
100
k
Ω
Power-On impedance
All signals
100
k
Ω
Rise / fall time
Input signals except CLK, min.
acceptable duration range,
90%
0.01
1000
µs
Input signal CLK, min.
acceptable duration range,
90%
0.01
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com