Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 22Page - STMicroelectronics TDA7529 Datasheet HTML 23Page - STMicroelectronics TDA7529 Datasheet HTML 24Page - STMicroelectronics TDA7529 Datasheet HTML 25Page - STMicroelectronics TDA7529 Datasheet HTML 26Page - STMicroelectronics TDA7529 Datasheet HTML 27Page - STMicroelectronics TDA7529 Datasheet HTML 28Page - STMicroelectronics TDA7529 Datasheet HTML 29Page - STMicroelectronics TDA7529 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Electrical specifications
TDA7529
26/60
4.12
Temperature sensor
4.13
D/A-Converter
4.14
A/D-Converter
Table 19.
Temperature sensor
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Temperature range
-40
150
°C
Resolution
°C/LSB (no direct
measurement possible)
5°C
Absolute error
15
°C
Relative error
0.5
LSB
Table 20.
D/A-Converter
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Vout
Output voltage minimum value Unloaded output
0.5
0.6
0.8
V
Output voltage maximum
value
Unloaded output
VCC –
0.2
VCC –
0.1
V
Output impedance
2
k
Ω
Max. output current
500
µA
Average Voltage step
resolution 9bit
8.5
9
9.5
mV
INL
-2
2
LSB
DNL
-0.5
0.5
LSB
Conversion time
@ CL=1nF
20
40
µs
VSRR
Supply voltage ripple rejection
ratio
20
dB
Table 21.
A/D-Converter
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
INL
-2
2
LSB
DNL
-0.5
0.5
LSB
Input voltage range
0
VDD
V
tADC
Conversion time
7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com