Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 15Page - STMicroelectronics TDA7529 Datasheet HTML 16Page - STMicroelectronics TDA7529 Datasheet HTML 17Page - STMicroelectronics TDA7529 Datasheet HTML 18Page - STMicroelectronics TDA7529 Datasheet HTML 19Page - STMicroelectronics TDA7529 Datasheet HTML 20Page - STMicroelectronics TDA7529 Datasheet HTML 21Page - STMicroelectronics TDA7529 Datasheet HTML 22Page - STMicroelectronics TDA7529 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
TDA7529
Electrical specifications
19/60
4
Electrical specifications
Electrical parameters are guaranteed if Fref = 100kHz, with frequency stability of +/- 20ppm
max.
4.1
Absolute maximum ratings
4.2
Thermal data
4.3
General key parameters
Table 8.
Absolute maximum ratings
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Abs. supply voltage
5.5
V
Tamb
Ambient temperature range
-40
105
°C
Tstg
Storage temperature
-55
150
°C
Tj
Junction temperature
150
°C
Table 9.
Thermal data
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Rthj-amb
Thermal resistance junction to
ambient
2s2p std Jedec board with
thermal via underneath the
component (36 board via:
diameter = 0.5mm / pitch =
1.5mm), max 30% missing
soldering
33
°C/W
Table 10.
General key parameters
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
VCC
5V supply voltage
4.7
5
5.35
V
ICC
Supply current @ 5V
145
175
mA
ICC_pwd
Supply current @ 5V in power
down mode
914
mA
Tamb
Ambient temperature range
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com