Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 29Page - STMicroelectronics TDA7529 Datasheet HTML 30Page - STMicroelectronics TDA7529 Datasheet HTML 31Page - STMicroelectronics TDA7529 Datasheet HTML 32Page - STMicroelectronics TDA7529 Datasheet HTML 33Page - STMicroelectronics TDA7529 Datasheet HTML 34Page - STMicroelectronics TDA7529 Datasheet HTML 35Page - STMicroelectronics TDA7529 Datasheet HTML 36Page - STMicroelectronics TDA7529 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
TDA7529
Tuning state machine
33/60
5.5
Register SWAP
Some of these modes contain one or two register "swap" operation(s). The changes within
the register structure during a swap operation depend on the operating mode of the chip.
If the chip is programmed in the "buffer/control" mode (chosen by setting byte 12 bit 7 = 1),
which is necessary to take advantage of the tuning state machine, it is suggested that the
microprocessor write data only in the normal register bank (bytes from 16 to 31), because
the state machine itself takes care of exchanging the content of the normal register bank
with that of the shadow bank (bytes from 32 to 47) during a swap. The normal registers are
intended to be written to by the radio microprocessor, whereas the registers that actually
control the device circuits are the shadow ones.
In any case it is suggested that the bits 5 and 4 of byte 0, that define which control bank is
actually used to drive the device circuits, should not be touched after setting them to 0 after
reset because they are automatically updated by the tuning state machine.
Table 25.
Values of the programmable wait times
PARAMETER NAME
REGISTER
VALUE
TIME
Tplllock
Byte 15 bits<7:3>
min.
00000
20 us
default
00110
1 ms
maximum
11111
5 ms
T0.5ms
Byte 30 bits<7:2>
min.
000000
70 us
default
000101
0.5 ms
maximum
111111
5 ms
T1ms
Byte 20 bits<7:2>
min.
000000
10 us
default
001100
1 ms
maximum
111111
5 ms
T2ms
Byte 29 bits<7:2>
min.
000000
50 us
default
011000
2 ms
maximum
111111
5 ms
T60ms
Byte 04 bits<7:3>
min.
00000
1 ms
default
10111
60 ms
maximum
11111
80 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com