Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 25Page - STMicroelectronics TDA7529 Datasheet HTML 26Page - STMicroelectronics TDA7529 Datasheet HTML 27Page - STMicroelectronics TDA7529 Datasheet HTML 28Page - STMicroelectronics TDA7529 Datasheet HTML 29Page - STMicroelectronics TDA7529 Datasheet HTML 30Page - STMicroelectronics TDA7529 Datasheet HTML 31Page - STMicroelectronics TDA7529 Datasheet HTML 32Page - STMicroelectronics TDA7529 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
TDA7529
Tuning state machine
29/60
5
Tuning state machine
Frequency changes in a system employing the TDA7529 can be efficiently performed using
a built-in state machine which simplifies the microprocessor supervisory functions. The state
machine, which can work in 8 different modes, can be invoked by a simple WRITE operation
into the tuner registers and, provided that the frequency to be jumped to has been pre-
loaded into the front-end registers through a previous separate or is loaded through a
concurrent WRITE operation, the FE jump sequence is automatically managed and flags
are provided to the back-end to indicate the current condition.
5.1
Tuning state machine modes
Hereafter the description of the 8 modes can be found. They are chosen by Byte 12
bits<6:4>.
The diagrams depicting the FE and flag conditions for each of the 8 modes are as follows:
5.1.1
Mode 000: buffer (nil)
When this mode is selected, no action is undertaken by the state machine.
5.1.2
Mode 001: preset
Figure 8.
Preset timing diagram
This mode is used to jump to a different frequency and stay there, with reception at the end
of the sequence.
AFSAMPLE can be used to tell the back-end when to mute and to unmute the audio output.
The 60 ms mute time (programmable) after the PLL has reached the locked condition can
be used to check the RDS signal presence and content in addition to the analog quality
information.
AFHOLD can be used to tell the back-end to switch to faster time constants for quick quality
acquisition.
EVENTS
TIME
transmission with subaddr. bit 7 = 1
wait T1ms
wait for Tplllock
wait 50 us
wait T60ms
AFSAMPLE
AFHOLD
B.E. OPERATION
mute audio
quality dets in fast mode
unmute audio
bus
STOP
event
regs
swap
AC00045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com