Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 23Page - STMicroelectronics TDA7529 Datasheet HTML 24Page - STMicroelectronics TDA7529 Datasheet HTML 25Page - STMicroelectronics TDA7529 Datasheet HTML 26Page - STMicroelectronics TDA7529 Datasheet HTML 27Page - STMicroelectronics TDA7529 Datasheet HTML 28Page - STMicroelectronics TDA7529 Datasheet HTML 29Page - STMicroelectronics TDA7529 Datasheet HTML 30Page - STMicroelectronics TDA7529 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
TDA7529
Electrical specifications
27/60
4.15
GPIO – general purpose IO interface pins
4.16
AFSAMPLE / AFHOLD
Table 22.
GPIO - general purpose IO interface pins
Pin name
GPIO functionality
Multiplexed
functionality details
are given in the
corresponding
chapters
GPIO-Output
GPIO-Input
High level
Low level
Functionality
voltage
voltage
Source
current
voltage
Sink
current
GP1
3.3V
1 mA
0V
1 mA
Analog input ADC
0 ... 3.3V
GP2
3.3V
1 mA
0V
1 mA
Analog input ADC
0 ... 3.3V FM key AGC input
GP4
3.3V
0.1 mA
0V
10 mA
AM cascode VDS input
0 ... 3.3V
GP5
3.3V
1 mA
0V
1 mA
Digital Input
0 / 3.3V
GP6
3.3V
1 mA
0V
1 mA
Digital Input
0 / 3.3V
SPI MISO output
GP7
3.3V
1 mA
0V
1 mA
FM-AGC voltage output
GP8
3.3V
1 mA
0V
1 mA
AM-AGC voltage output
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
High level output voltage
@ 100k
Ω load to GND
VDD-0.3
V
Low level output voltage
@ 100k
Ω load to VDD
0.3
V
High level source current
GP1 / GP2 / GP5 / GP6:
@ 1k
Ω load to GND
0.5
1
mA
High level source current
GP4
@ 1k
Ω load to GND
0.08
0.1
mA
low level sink current
GP1 / GP2 / GP5 / GP6:
@ 1k
Ω load to VDD
0.8
1
mA
low level sink current
GP4:
@ 100
Ω load to VDD
8.0
10
mA
Input impedance
digital input mode
100
k
Ω
Input voltage range
GP1 / GP2
0
3.5
V
High level input voltage
GP5 / GP6 used as digital
input
2.2
3.5
V
Low level input voltage
GP5 / GP6 used as digital
input
-0.05
1.0
V
Table 23.
AFSAMPLE / AFHOLD
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Output voltage at
AFSAMPLE/AFHOLD
3.6
V
Maximum sink current
Vo = 0.4V
800
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com