Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 20Page - STMicroelectronics TDA7529 Datasheet HTML 21Page - STMicroelectronics TDA7529 Datasheet HTML 22Page - STMicroelectronics TDA7529 Datasheet HTML 23Page - STMicroelectronics TDA7529 Datasheet HTML 24Page - STMicroelectronics TDA7529 Datasheet HTML 25Page - STMicroelectronics TDA7529 Datasheet HTML 26Page - STMicroelectronics TDA7529 Datasheet HTML 27Page - STMicroelectronics TDA7529 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Electrical specifications
TDA7529
24/60
4.7
VCO
4.8
Reference frequency input buffer
4.9
Dividers
Table 14.
VCO
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Frequency range VCO
±8% tuning range
3430
4010
MHz
Phase Noise of LO
Free running VCO; values
referred @ 100MHz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
-46
-76
-103
-40
-60
-86
-106
dBc/Hz
Deviation error
FM reception, de-emphasis
50µs, fNF=20Hz...20kHz @
min. VCO frequency
8Hz
Table 15.
Reference frequency input buffer
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Reference frequency input buffer mode
Max input voltage high
1475
mV
Min. input voltage low
925
mV
Input differential voltage
200
400
mV
Input impedance (xtal mode)
150
k
Ω
Input impedance (lvds mode)
10
k
Ω
Input voltage range
Single ended mode
200
1000
mVPP
Table 16.
Dividers
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Mixer divider V – integer values
NV
divider value divider_V
7 bit
5
131
Divide by 4 – generation of 0°/90°/-90° LO signal for IMR
I/Q phase error of divider
phase calibration in IMR
-0.5
0.5
DEG
Main divider N – integer divider
NN
divider value divider_N
21bit (32/33 pre scaler)
992
2097151
Reference divider R – integer values
NR
divider value divider_R
8 bit
1
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com