Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 28Page - STMicroelectronics TDA7529 Datasheet HTML 29Page - STMicroelectronics TDA7529 Datasheet HTML 30Page - STMicroelectronics TDA7529 Datasheet HTML 31Page - STMicroelectronics TDA7529 Datasheet HTML 32Page - STMicroelectronics TDA7529 Datasheet HTML 33Page - STMicroelectronics TDA7529 Datasheet HTML 34Page - STMicroelectronics TDA7529 Datasheet HTML 35Page - STMicroelectronics TDA7529 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Tuning state machine
TDA7529
32/60
5.3
Mode 110: load
Figure 13.
Load timing diagram
The content of the buffer and control registers is swapped. No transition occurs on the
AFHOLD and AFSAMPLE lines.
5.4
Mode 111: end
Figure 14.
End timing diagram
This mode is used to end sequences that terminate with muted audio, after the decision on
whether to stay to that frequency or jump to a different one has been taken.
AFHOLD can be used to tell the back-end to unmute the audio.
AFSAMPLE can be used to tell the back-end to restore normal quality signal processing.
Most of the wait times of the algorithm can actually be programmed.
The following table summarizes the minimum, maximum and default values of the
programmable wait times. The indicated values are valid only for the advised configuration
where the phase detector reference frequency is 100 kHz.
EVENTS
TIME
transmission with subaddr. bit 7 = 1
bus
STOP
event
regs
swap
AC00050
EVENTS
TIME
transmission with subaddr. bit 7 = 1
wait 50 us
AFSAMPLE
AFHOLD
B.E. OPERATION
unmute audio
bus
STOP
event
AC00051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com