Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 2 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 2 Page - Amphenol Aerospace Operations

  COPPERCATALOG Datasheet HTML 1Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 2Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 3Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 4Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 5Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 6Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 7Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 8Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
213
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol provides the latest technology in high speed contacts - differ-
ential twinax and quadrax contacts, size 8, for use in MIL-DTL-38999
Special* Circular Connectors
*Requires modified connector to accommodate keyed contacts
When you need superior electrical performance plus shielding to eliminate
interference from outside electrical sources in a connector, Amphenol has the
most reliable contact solutions.
Amphenol offers a very wide range of contacts that provide high speed transmission and operate
in high frequency conditions You can be assured of interconnection compatibility when you come
to Amphenol for your contact needs as well as your connector needs Amphenol’s expertise in
interconnection solutions assures that your contacts will mate properly and will perform to the
application specifications of your particular requirements
MIL-DTL-38999 CONNECTORS - The high performance series most ideal for integrating high
speed and high frequency contacts. MIL-DTL-38999, Series I, II and III are by far the choice of
connector for today’s avionics needs - these subminiature family connectors are ideally suited for
the incorporation of shielded contacts.
This catalog section is primarily devoted to the high speed and high frequency contact options for
use in MIL-DTL-38999 Connectors, which include:
Amphenol® High Frequency Contacts
Coaxial
Concentric
Twinax
Triax
Quadrax
Differential
Twinax
High
Frequency
Transition
Adapters
Pin and socket
contacts
designed for
RF/microwave
and shielded
wire applica-
tions Sizes 4,
8, 12 & 16
Pin and socket
contacts designed for
protection from
magnetic and electro-
static interference
including nuclear
electromagnetic
pulse Sizes 8 & 12
Pin and socket
contacts
designed for
shielded wire
applications
with 3
conductors
Sizes 8, 10 & 12
Size 8 pin and socket
contacts An outer
contact with 4
strategically spaced
inner contacts
forming two 100 or
150 Ohm matched
impedance
differential pairs
Size 8 pin and socket
contacts An outer
contact with 2 inner
contacts spaced to
form one 100 or 150
Ohm matched
impedance
differential pair
Size 8 Coaxial
contacts that provide
high frequencies (DC
to 40 GHz) Unique
“Float Mount”
technology maintains
tight mechanical
tolerances
Matched impedance
quadrax and twinax
transition adapters
provide a method of
launching from the
high speed
connectors to PCB
boards
Other series of connectors from Amphenol Aerospace, in addition to
38999 connectors, can incorporate shielded contacts These include the following
(and are also covered in this catalog section):
• Amphenol® Heavy Duty Circular Connectors, MIL-DTL-22992 - with coax contacts
• Amphenol® Printed Circuit Board Connectors - Rectangular connectors with
standard low mating force brush contacts can have hybrid arrangements with coax contacts
• LRM Interconnects - Rectangular module and backplane connectors with standard
low mating force brush contacts can have hybrid arrangements with coax contacts
• Amphenol® ARINC 600 and R27 Rack & Panel Connectors are available with quadrax, coax,
twinax and differential twinax contacts
The Cable Usage Guide is a key reference to help guide you in selecting the contacts best suited to
your needs Since most shielded wire applications start with a fixed requirement for cable types, the
guide refers you to the Amphenol connector family utilizing contacts which are compatible with the
cable characteristics
For more information on other Amphenol connectors with shielded contacts:
• Amphenol® Circular Connectors, MIL-DTL-26482, Series 1 are available with coaxial
contacts, size 8 and 12 for crimp and solder type See catalog 12-070 on-line at www
amphenol-industrial com, or consult Amphenol Industrial Operations
• Amphenol® MS/Standard, MIL-DTL-5015 Circular Connectors
are available with size 4, 8 and 12 coax contacts Consult
Amphenol Industrial Operations for more information or on-line at
www amphenol-industrial com
For more information on connectors with fiber optics see the Fiber Optic
section of this catalog or consult Amphenol Aerospace
Provide High SpeedTransmission
Operate in High Frequency Conditions
See High Frequency
Contact Designer’s
Guide at end
of this catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com