Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 53 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 53 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 48Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 49Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 50Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 51Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 52Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 53Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 54Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 55Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 56Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
264
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
B
CA
A
B
C
D
A
B
D
C
A
B
C
D
EG
F
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
G
A
B
C
DE
F
G
H
I
A
B
C
A
B
C
D
E
F
G
H
J
K
L
M
I
N
P
R
S
T
U
V
W
X
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
Insert Arrangements - Standard
MIL-DTL-5015, Heavy Duty MIL-DTL-22992
Incorporating Coax Contacts
The insert arrangements shown on this page represent the most readily available patterns within
the MIL-DTL-5015 and MIL-DTL-22992 Series If you require other arrangements than what are
shown here, consult Amphenol for further availability MS/Standard connectors have over 200 insert
pattern arrangements available, and within these patterns any size 4, 8 or 12 contact cavities can be
incorporated with coax contacts However, you need to consult Amphenol, Sidney NY for availability
and ordering information All coax contacts in the Standard and Heavy Duty series come pre-installed
in connectors
Insert Arrangement
16-10
18-10
18-16
20-4
Connector Series
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
Service Rating
A
A
C
D
Number of Contact
3
4
1
4
Contact Size
12
12
12
12
Insert Arrangement
20-15
20-16
24-2
24-11
Connector Series
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
Service Rating
A
A
D
A
Number of Contact
7
2
7
7
3
6
Contact Size
12
12
16
12
8
12
Insert Arrangement
28-6
28-11
32-8
Connector Series
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
MS/Standard, QWLD, QWL
Service Rating
D
A
A
Number of Contact
3
4
18
6
24
Contact Size
4
12
16
12
16
CONTACT LEGEND
4
8
12
16
Coax or Power
Coax/
Twinax/Triax
or Power
Coax/Twinax/
Triax or
Power
Coax or
Power
Front face of pin inserts illustrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com