Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 12 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 12 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 8Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 10Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 11Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 12Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 13Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 14Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 15Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 16Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
223
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
MIL-DTL-38999 Circular Connector
Overview
Amphenol® Connectors are ideally suited for the incorporation of shielded contacts for high
performance interconnection applications The circular family is built around
MIL-DTL-38999 specifications, with Mil-approved and commercial styles offered
Normal operating voltage for circulars with power contacts only is up to
900 VAC (RMS) at sea level
The MIL-DTL-38999 family offers these features for contact termination flexibility:
• Widest selection of insert arrangements that can incorporate:
•
Size 8 high speed Quadrax and Differential Twinax contacts for MIL-DTL-38999 Series III
(specially modified to accommodate keyed contacts)
•
Transition adapters for use in attaching D38999 Series III connectors with high speed
quadrax or differential contacts to PCB boards
•
Size 8, 12 and 16 Coax contacts
•
Size 8 and 12 Twinax contacts
•
Size 8, 10 & 12 Triax contacts
• Wide selection of connector shell styles and sizes
• Scoop-proof recessed design in LJT-R, TV-R and SJT-R connectors provide
protection for contacts
• Standard power contacts are crimp rear release, qualified to SAE AS39029
• Coax, Twinax, and Triax contacts employ the same retention system as power
contacts, simplifying user substitution
HOW TO ORDER CONNECTORS AND
HIGH FREQUENCY CONTACTS
• Select the Circular Series desired
(See features of each series given briefly on
this page and in-depth in the other sections of this catalog,
which are on-line at www amphenol-aerospace com)
Series I - LJT-R Connectors
Series II - JT-R Connectors
Series III - TV-R Connectors
SJT* - SJT-R Connectors
See Amphe-Lite (Industrial 38999 type) Catalog 12-094
• Select the quadrax, differential twinax, coax, twinax and/or
triax contacts or the transition adapters that are needed from
the tables on the following pages that correspond to the cable
being used
• Select the insert arrangement to accommodate required
number of contacts Insert patterns for quadrax and
differential twinax contacts are on pages 241,242 Insert
patterns for coax, twinax and triax contacts are on
pages 258-260
• Complete the connector part number from the connector
series catalog, incorporating the chosen insert pattern
number See detailed how to order page 243 for ordering
38999, Series III with quadrax and differential twinax
contacts Consult Amphenol for assistance in ordering
38999 circulars with coax, twinax and triax contacts
• Consult Amphenol Aerospace for ordering information for
connectors with PC tail contacts and for transition adapters
• If connector is ordered less contacts, power contacts and/or
sealing plugs may be ordered separately to fill out the insert
arrangement
SJT-R, 38999 Type
See the SJT section of this catalog.
• Amphenol proprietary series
(non-MS) which is a further
expansion of the basic JT family,
but incorporates the LJT
scoop-proof design
• Compliant with several
European specifications
Amphe-Lite, 38999 Type
See Catalog 12-094 for complete
information on this series.
• Commercial/Industrial
38999 Series III type
• Cost effective high performance
connector for severe environments or
general duty industrial applications
• Consult Amphenol Industrial
Operations for further information
12-094 catalog is on-line at www.
amphenol-industrial.com.
NOTE:
SAE AS39029 supersedes MIL-C-39029
NOTE:
MIL-DTL-38999 supersedes MIL-C-38999
MIL-DTL-27599 supersedes MIL-C-27599
JT-R, D38999 Series II
LJT-R, D38999 Series I
See 38999 section Series II, JT for complete
information on this series.
• Shorter profile connector series for
applications requiring maximum
space savings
• Bayonet coupling, crimp termination
• Also available in solder termination types
under MIL-DTL-27599 Series II
See 38999 section Series I, LJT for complete
information on this series.
• Scoop-proof (recessed pins)
• Bayonet coupling, crimp termination
• Also available in solder termination types
under MIL-DTL-27599 Series II
• High performance capability series for both
general duty and severe environment
applications
• Offers the widest range of Subminiature
Family Mil-Spec qualified options in contact
and connector styles
• Threaded coupling; completely mates in one
turn; crimp termination
• Superior EMI/EMP shielding effectiveness
• Scoop-proof design (recessed pins)
• Available in aluminum, stainless steel and
firewall, or lightweight composite styles
See 38999 section Series III for complete
information on this section
GENERAL ORDERING INFORMATION
Amphenol MIL-DTL-38999, which feature rear
removable contacts, are normally supplied with a full
complement of power contacts, separately
packaged Coax, twinax and triax contacts are
ordered by part number as referenced in the part
number charts on the following pages of this
catalog, and are substituted for the power contacts
at the time of the cable or equipment assembly If the
application is for coax, twinax or triax contacts only,
the connector may be ordered less contacts and no
power contacts will be supplied
TV-R, Tri-Start, D38999 Series III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com