Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 9 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 9 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 5Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 6Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 7Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 8Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 10Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 11Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 12Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 13Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
220
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Quadrax Contacts
CABLE USAGE GUIDE
ARINC 600 Rack & Panel Connectors
Cable Usage Guide, cont
Differential Twinax Contacts
CABLE USAGE GUIDE
ARINC 600 Rack & Panel Connectors
Cable Type
Nominal
Impedance
(ohms)
ABS0386WF24
100
ASNE0272TK22
100
ASNE0272TK24
100
Tensolite
24463/9P025X-2(LD)
100
Concentric Twinax Contacts
CABLE USAGE GUIDE
D38999 Series I, II, III & SJT Connectors
Cable Type
Nominal
Impedance
(ohms)
EPD32263A
77
EPD22189B
77
M17/176-00002
77
GSC-12-2548-00
77
GC875TM24H
77
GSC-12-81095-00
77
Raychem
10602
77
10606
77
10612
77
10613
77
10614
77
23089/RC
77
05A0771
77
T10971
77
7724C8664
77
7726D0664
77
782OD0111 (20 AWG)
78
0024G0024
100
5M2022-003
100
HS5930
100
S280W502-1
100
CXN2268
100
Triax Contacts
CABLE USAGE GUIDE
D38999 Series I, II, III & SJT Connectors
Cable Type
Nominal
Impedance
(ohms)
JN1088WT
50
5M2397-002
75
81264-02
75
JN1088WU
75
Gore
GSC-03-81497-00
75
RG179 (Coax Cable)
75
Tensolite
28988/50823LXX-1
75
Tensolite
28988/50823LXX-1
75
Thermatics
12447
75
10602 (Twinax Cable)
77
5M2559-001
95
81264-01
95
ST5M1323-001
95
Champlain
81-00700
95
Tensolite
28598/9C026LT-1
95
26895/90334X-1
95
Teledyne
13809
95
11914/1
95
Times AA6603
95
RGX179
75
Concentric Twinax Contacts
CABLE USAGE GUIDE
ARINC 600 Rack & Panel Connectors
Cable Type
Nominal
Impedance
(ohms)
S280W502-1
100
Cable Type
Nominal
Impedance
(ohms)
Draka Fileca
F-4703-3
100
F-4704-5, F4704-4
Tensolite
NF22Q100
NF24Q100
24443/03130X-4(LD)
24443/9P025X-4(LD)
S280W502-4
JSFY02-1
110
Gore
RCN8328
150
Tensolite
26473/02006X-4(LD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com