Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 27 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 27 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 23Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 24Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 25Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 26Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 27Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 28Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 29Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 30Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
238
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Amphenol now offers differential twinax transition adapters in smaller sizes that
provide matched impedance interconnection to PCB boards Our unique
push-pull quick disconnect adapter design offers:
• Advantages over traditional threaded type adapters
• Launching of controlled impedance (100 ohm) signals for
high speed twinax contacts with push-pull quick disconnect coupling
• Rugged construction, 100+ mating cycles for reliable and secure
data transmission
• Miniature size for tighter spacing on boards
• Intermountability with existing threaded solutions having the same
PCB tail footprint
Styles include:
• Plug - standard length and extended length options
• Straight PCB receptacle, 90° PCB receptacle
• Two jam nut receptacle styles - both with standard length
and extended length options
• Bushing assembly 90° adapter (used with plug or jam nut receptacle)
Micro D-Twinax Transition Adapter Plug
.245 DIA.
REF.
.719 REF.
Part Number
Cable Type*
Impedance
(Ohms)
21-033832-151
Calmont 3007-1923-12-7
100
21-033832-161
Tensolite 26453/03184X-2LD
Thermax 956-626Z
21-033832-121**
Calmont 3007-1923-12-7
* See page 240 for information on other cable terminations.
** Same as -151 with extended ferrule for added cable support
Micro D-Twinax Transition Adapter Straight PCB Receptacle
Part Number
Impedance
(Ohms)
21-033833-191
100
.290 DIA.
REF.
.433 REF.
.110 REF.
.0223 ±.0010 SQUARE
OR
.0290 ±.0010 DIA. ROUND
PCB TAILS, 4 PLACES
.020 ±.001 DIA.
PCB TAILS
2 PLACES
.100
.100
.050
All dimensions for reference only
Micro D-Twinax Transition Adapters
Push-Pull Quick Disconnect Interconnects
Micro D-Twinax Transition Adapters
Shown right: Straight receptacle mated to plug
Shown left: Jam nut and 90° receptacles
Straight receptacle
mated to plug
Micro Differential Twinax Transition Adapters
New/Featured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com