Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 46 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 46 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 43Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 44Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 45Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 46Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 47Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 48Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 49Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 50Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
257
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Coax, Twinax & Triax PC Tail Contacts
Application Data, cont
PC TAIL COAX, TWINAX, AND TRIAX CONTACTS FOR USE IN D38999 SERIES I & III CONNECTORS
Size
PC Tail Coax
Contact Part
Number
PC Tail Twinax
Contact Part
Number
PC Tail Triax
Contact Part
Number
Tails*
Comments
12 Pin
21-033686-008
PCB 2 tails
12 Pin
21-033686-009
PCB 2 tails
Outer tail clip type
12 Pin
21-033686-005
PCB 2 tails
12 Pin
21-033686-010
PCB 2 tails
12 Pin
21-033686-013
PCB 2 tails
Outer tail clip type
12 Pin
21-033687-006
PCB 2 tails
For epoxy filled connector
12 Pin
21-033687-007
PCB 2 tails
12 Pin
21-033686-016†
PCB 2 tails
12 Socket
21-033614-001
PCB 2 tails
12 Socket
21-033614-021
PCB 2 tails
12 Socket
21-033614-041
PCB 2 tails
12 Socket
21-033611-003
PCB 2 tails
Outer tail clip type
12 Socket
21-033440-001
PCB 3 tails
12 Socket
21-033430-001
PCB 2 tails
Outer tail clip type, M38999 Series II
12 Socket
21-033430-021
PCB 2 tails
M38999 Series II
12 Socket
21-033430-041
M38999 Series II
12 Pin
21-033633-001†**
PCB 4 tails
JN1104 Interface
12 Pin
21-033633-002**
PCB 4 tails
12 Pin
21-033633-006**
PCB 4 tails
12 Pin
21-033633-007**
PCB 4 tails
12 Socket
21-033393-006**
PCB 4 tails
12 Socket
21-033393-005**
PCB 4 tails
12 Socket
21-033433-001**
PCB 4 tails
M38999 Series II, JN1104 Interface
16 Pin
21-033856-015
PCB 2 tails
16 Pin
21-033856-025
PCB 90 degree, 2 tails
16 Pin
21-033856-065
PCB 2 tails
16 Pin
21-033634-015
PCB 1 tail
Outer body grounded to shell
16 Pin
21-033634-035
PCB 1 tail
Outer body grounded to shell
16 Pin
21-033634-045
PCB 1 tail
16 Pin
21-033386-001
PCB 2 tails
16 Socket
21-033857-001
PCB 2 tails
16 Socket
21-033857-008
PCB 2 tails
16 Socket
21-033857-007
PCB 2 tails
16 Socket
21-033610-001
PCB 2 tails
16 Socket
21-033610-002
PCB 2 tails
16 Socket
21-033441-001
PCB 2 tails
16 Socket
21-033606-001
PCB 2 tails
M38999 Series II
16 Socket
21-033606-021†
PCB 2 tails
16 Socket
21-033606-031†
PCB 2 tails
16 Socket
21-033610-003
PCB 2 tails
16 Socket
21-033857-003
PCB 2 tails
* Consult Amphenol Aerospace for tail configurations and tail diameters
** Size 12 twinax and triax contacts are intermatable
† Consult Amphenol Aerospace for current release of this contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com