Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 13 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 13 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 10Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 11Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 12Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 13Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 14Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 15Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 16Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 17Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
224
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Quadrax Contacts, MIL-DTL-38999, Series III
General Description
TYPICAL QUADRAX
SOCKET CONTACT
has socket outer contact
with a socket inner contact
TYPICAL QUADRAX PIN CONTACT
has pin outer contact with a pin
inner contact
Quadrax Pin Size 8 and MIL-DTL-38999
Series III Connector
Also see Quadrax contacts for ARINC 600 and R27
Rack and Panel Connectors on pages 265 and 266
Suggested Strain Relief - Insert Arrangements
9-5 or 19-18 with Quadrax Contacts
Due to the piggyback grommet interference with normal strain reliefs
on the shell size 9 only, the recommended strain relief for the
connector is: Amphenol part number TGW-R-5309-10 (OD Cad) or
TGF-R-5309-10 (Electroless nickel) - shell size 9 only For 19-18 insert
pattern, recommended backshell: Glenair 367-221-NF This is
recommended due to the proximity of the size 8 contacts in relation
to the shell
Quadrax Pin with 8P8C “RJ45” Jack
Cable Illustration - Quadrax Contact
BRAID
JACKET
INSULATION
(4) CENTER
CONDUCTORS
ORIENTATION
KEY
PIN CONTACT
MATING FACE
SOCKET CONTACT
MATING FACE
1
2
3
4
1
2
3
4
Suggested Numbering for Quadrax
Contacts
Differential Pairs, contacts 1-3, 2-4
See page 243 for part number ordering of
popularly used 38999 Series III connectors with
100 ohm quadrax contacts
Quadrax differential pairs are 1 and 3, 2 and 4
Quadrax Contacts are gold plated,
crimp termination
Finish of mating contact parts: supplied with
0 000050 min gold over nickel on mating
parts Consult Amphenol for availability of
other finishes
Quadrax Size 8 Contact Performance:
• Bandwidth: Up to 1 25 GHz
• Data Rate: Exceeding 2 5 Gbps
• Voltage Rating: 500 Vrms max @
sea level
• Dielectric Withstanding Voltage:
1000 VAC rms between all inner contacts
@ sea level, 500 VAC rms between inner
and outer contacts @ sea level
Amphenol® Quadrax Contacts-Offerseveral
advantages for high data transfer rates, low power consumption and
excellent
EMI compatibility:
• Four strategically spaced inner contacts form two 100 or 150
Ohm matched impedance differential pairs
• Outer contact has rugged wall section for durability
• Available in size 8 crimp termination style
• Also available in size 8 with PC tails (see page 233)
• Requires modification of MIL-DTL-38999 connector to
accommodate keyed contacts
Guide for selecting a Backshell:
When ordering backshells, to avoid interference between the piggyback
grommets which are used on all size 8 cavities and the backshell the below
keepout dimensions must be adhered to (based on existing arrangements)
Size
A Dia Min
L Min
17
734
540
19
869
540
21
869
540
23
1 088
540
25
1 234
540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com