Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 44 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 44 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 40Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 43Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 44Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 45Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 46Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 47Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 48Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
255
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Coax, Twinax & Triax PC Tail Contacts
General Description, Application Data
Amphenol® Printed Circuit Tail Contacts
are currently supplied as follows:
• 8, 12 and 16 Coax
• 8, 10 and 12 Twinax
• 8 Triax (socket only)
PC Tail shielded contacts provide a cost effective packaging
solution for limited space applications where connectors are
attached to printed circuit boards High reliability is assured
with factory pre-assembled contacts and standardization
termination to the board PC Tail contacts are available for
MIL-DTL-38999 Series I and III circular connectors and also
for ARINC 404, ARINC 600 and R27 rectangular connectors
The following pages show the available PC Tail contact part
numbers for 38999 Circular connectors See page 265 & 266
for information on twinax contacts for ARINC Rectangular
connectors along with compatible cable terminations
Consult Amphenol Aerospace for further information on the
applicable tooling for these contacts
TYPICAL ELECTRICAL PERFORMANCE
Size 8, 12 & 16 PC Tail Coax Contacts
Contact Resistance:
Center @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Outer @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Operating Frequency: 0–500 MHz
Dielectric Withstanding Voltage:
Center to Outer 500 VAC Rms @ Sea Level
Insulation Resistance
1,000 megohms minimum @ 25°C
TYPICAL ELECTRICAL PERFORMANCE
Size 8, 10 & 12 PC Tail Twinax Contacts
Contact Resistance:
Center @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Intermediate @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Outer @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Operating Frequency: 0–20 MHz
Dielectric Withstanding Voltage:
Center to Intermediate 500 VAC Rms @ Sea Level
Intermediate to Outer 500 VAC Rms @ Sea Level
Insulation Resistance
1,000 megohms minimum @ 25°C
TYPICAL ELECTRICAL PERFORMANCE
Size 8 PC Tail Triax Contacts
Contact Resistance:
Center @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Intermediate @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Outer @ 1 Amp, 55 millivolts max voltage drop @ 25°C
Operating Frequency: 0–500 MHz
Dielectric Withstanding Voltage:
Center to Intermediate 500 VAC Rms @ Sea Level
Intermediate to Outer 500 VAC Rms @ Sea Level
Insulation Resistance
1,000 megohms minimum @ 25°C
PC Tail Coax and Twinax Contacts
for Attachment to Printed Circuit Boards
Size 8, PC Tail Twinax Socket Contact
for use in D38999 Connectors
D38999 Connector with PC Tail Coax Contacts,
Sealing Plugs in unused contact cavities and
PC Tail Alignment Disc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com