Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 3 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 3 Page - Amphenol Aerospace Operations

  COPPERCATALOG Datasheet HTML 1Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 2Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 3Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 4Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 5Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 6Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 7Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 8Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
214
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
High Speed Quadrax and
New Products/Differential Twinax Contacts
Overview
Differential Twinax and Quadrax
contacts provide high data transfer
rates, low power consumption, and
excellent EMI capability They offer
controlledimpedanceof100or150
Ohm and are ideal for use in harsh
environments
D38999 Series III
Ground Plane
Connectors with
Quadrax PCB
Socket contacts
D38999SeriesIII
withQuadraxand
Power Contacts
Differential Twinax Contact
Quadrax Contact
DIFFERENTIAL
TWINAX CONTACTS
High speed Differential Twinax contacts consist
of an outer contact with two inner contacts
spaced to form one 100 or 150 Ohm controlled
impedance differential pair See pages 231, 232
for performance data and ordering of Differential
Twinax contacts, and consult Amphenol
Aerospace for more information
QUADRAX CONTACTS
• High speed Quadrax contacts consist of
an outer contact with four inner contacts
spaced to form two 100 or 150 Ohm
controlled impedance differential pair
• Both contacts, when used in Amphenol
MIL-DTL-38999 Series III and ARINC
type connectors, provide an excellent
alternative for harsh environment
applications such as:
• Ethernet 100 Base-T-100 Ohm
• Gigabit Ethernet 1000 Base-T-100 Ohm
• Fibre Channel-150 Ohm
• IEEE1394B FireWire-110 Ohm
* Requires modified connector to accommodate keyed contacts
Differential Twinax and Quadrax contact options include:
• Crimp or printed circuit board termination
• Established designs to accommodate a variety of cable types and gages
• Ground plane connectors can incorporate quadrax contacts These
connections have conductive inserts that ground the outer conductor of
the contact body to the shell of the connector They accommodate size 8
and 12 shielded contacts of which the size 8 can be quadrax type
See pages 224-226 for performance data of Quadrax contacts Consult Amphenol
Aerospace for further information needed
Amphenol Aerospace offers the high performance interconnect solution for CAT6A type cable
APPLICATIONS:
• 10/100/1000/10GBASE-T Ethernet
• DVI
• USB 2 0
• Serial Rapid IO (up to 3 125 Gbps)
• PCI-Express 2 0
• HDMI 1 3a
• SATA 2 0 (up to 3 GHz)
See pages 227, 228 for more information
New/Featured
Amphenol now offers differential twinax transition
adapters in smaller sizes that provide
matched impedance interconnection to PCB boards
STYLES INCLUDE:
• Plug- standard length and extended length options
• Straight PCB receptacle, 90° PCB receptacle
• Two jam nut receptacle styles -both with standard
length and extended length options
• Bushing assemble 90° adapter (used with plug or
jam nut receptacle)
See pages 238-240 for more information
Micro D-Twinax Transition Adapters
MIL-DTL-38999 Series III Connectors
with“Split-Pair”Quadrax Contacts
for use with CAT6A Type Cable
NEW “Split-Pair” Quadrax Contacts & Cable Assemblies for
MIL-DTL-38999, Series III Circular
D38999 Series III
Connectors(standoffshellatrightand
standard shell below) with Quadrax
PC Tail Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com