Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 32 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 32 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 28Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 29Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 30Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 32Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 33Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 34Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 35Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
243
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
How to Order 38999, Series III Circular
With Quadrax 100 Ohm Contacts
Amphenol Tri-Start, 38999 Series III* Connectors can be ordered with the following popularly used Quadrax contacts:
100 ohm quadrax 21-033385-051 socket contacts
100 ohm quadrax 21-033384-051 pin contacts
Use the following coded number ordering procedure :
* The incorporation of quadrax or differential twinax contacts requires a
modified connector to accommodate keyed contacts
For more information on Tri-Start, MIL-DTL-38999 Series III connectors see the section in this catalog
Tri-Start Alternate
Positions
A plug with a given rotation
letter will mate with a
receptacle with the same
rotation letter The angles for
a given connector are the
same whether it contains
pins or sockets Inserts are
not rotated in conjunction
with the master key/keyway
DR
BSC˚
CR
BSC˚
BR
BSC˚
AR
BSC˚
MAIN
KEYWAY
MAIN
KEYWAY
AP
BSC
BP
BSC
DP
BSC
CP
BSC
˚
˚
˚
˚
RECEPTACLE
(front face shown)
PLUG
(front face shown)
1
2
3
4
5
6
Connector Type
Shell Type
Service Class
Shell Size –
Insert Arrangement
Contact Type
Alternate Keying
Position
TVP
00
RQW
21–75
P
B
TV
Tri-Start Series Connector with metal shells
TVP
Back panel mounted receptacle with metal shells
CTV
Tri-Start Series Connector with composite shells
CTVP
Back panel mounted receptacle with composite shells
Step 1. Select a Connector Type
00
Wall mount receptacle
02
Box mount receptacle available only with the PCB
tails and epoxy backfilled (non-removable)
06
Straight plug
07
Jam nut receptacle
Step 2. Select a Shell Style
RQF
Electroless nickel plated
RGQF Electroless nickel plated ground plane
RQW
Olive drab cadmium plate
RGQW Olive drab cadmium plated ground plane
RQK
Corrosion resistance stainless steel
RGQK Stainless steel ground plane
QDT
Durmalon plated, Nickel-PTFE alternative to cadmium
GQDT Groundplane Durmalon
QDZ
Zinc Nickel Black Conductive
Step 3. Select a Service Class with Quadrax
Step 4. Select a Shell Size and
Insert Arrangement
See insert arrangements available with quadrax contacts on
preceding pages Shell Size and Insert Arrangements are together in one
chart First number represents Shell Size, second number is the Insert
Arrangement
P
Pin contacts
S
Socket contacts
Step 5. Select Contact Type
Step 6. Select an Alternate Keying Position
Locksmith keying–rotation of minor keys See Series III Alternate
Positions below“N”not required for normal position
For ordering of connectors with
any other quadrax contacts or
differential twinax contacts,
please consult Amphenol
Aerospace for part numbers
Shell
Size
Key & Keyway
Arrangement
Identification Letter
AR°
or
AP°
BSC
BR°
or
BP°
BSC
CR°
or
CP°
BSC
DR°
or
DP°
BSC
9
N
A
B
C
D
E
105
102
80
35
64
91
140
132
118
140
155
131
215
248
230
205
234
197
265
320
312
275
304
240
11, 13,
and 15
N
A
B
C
D
E
95
113
90
53
119
51
141
156
145
156
146
141
208
182
195
220
176
184
236
292
252
255
298
242
17and19
N
A
B
C
D
E
80
135
49
66
62
79
142
170
169
140
145
153
196
200
200
200
180
197
293
310
244
257
280
272
21, 23,
and 25
N
A
B
C
D
E
80
135
49
66
62
79
142
170
169
140
145
153
196
200
200
200
180
197
293
310
244
257
280
272
25L, 33,
and 37
N
A
B
C
D
E
80
135
49
66
62
79
142
170
169
140
145
153
188
188
188
188
188
188
293
310
244
257
280
272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com