Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 43 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 43 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 39Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 40Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 43Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 44Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 45Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 46Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 47Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
254
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Jacket
Insulation
Center
Conductor
Braid
Amphenol® Triax Contacts-Provideadditionalshielding
when terminated to triax cable having solid or stranded center
conductors Amphenol supplies triax contacts in sizes 8, 10 and 12
and they are ideally suited for use in D38999 Series I, II and III
circular connectors
Features and benefits of Amphenol triax contacts include:
• Incorporates three conductors, designed for use with triax cable
• Each of the three conductors are separated by dielectric
insulation to isolate ground planes
• Shielding effectiveness is improved with two isolated shields
• May be specified for direct connection to printed circuit boards
• May be mixed with coax, twinax and power contacts in a
single connector
Triax Contacts for MIL-DTL-38999
General Description, Application Data
TYPICAL ELECTRICAL PERFORMANCE
Size 8, 10 and 12 Triax Contacts
ContactResistance:
Center@1Amp,120millivoltsmax voltagedrop@25°C
Intermediate@1Amp,60millivoltsmax voltagedrop@25°C
Outer@12Amps,90millivoltsmax voltagedrop@25°C
Operating Frequency:
Size 12: 0-30 MHz
Size 10: 0-300 MHz
Size 8:
0-500 MHz
Dielectric Withstanding Voltage:
Center to Intermediate 800 VAC Rms @ Sea Level
Intermediate to Outer 500 VAC Rms @ Sea Level
Insulation Resistance:
1000 megohms minimum @ 25°C
SIZE 8, 10 & 12 TRIAX CONTACTS FOR USE IN D38999 SERIES I & III CONNECTORS
For use with
Cable
Size
Size 8, 10, 12 Triax Contact Part Number
(Termination Instruction Sheet)**
Comments
Pin
Socket
5M2397-002, 81264-02, RGX-179, RT-179,
Champlain 81-00321A, Tensolite
28883/02060X-1(LD),
7528A5314, Thermatics 12447, 28883/02060X-1,
RTG 179, Semflex RT316
8
21-033198-003
(L-1254-F)
21-033197-003
(L-1254-E)
752866314, 7528G6314
8
21-033198-011
(L-1254-V)
21-033197-011
(L-1254-T)
5M2559-001, 81264-01,
Tensolite 28598/9J063T-1, Teledyne 13809,
Cheminax 9530F5214
8
21-033198-004
(L-1254-D)
21-033197-004
(L-1254-C)
ST5M1323-001, Champlain 81-00700,
Teledyne 11914/1, Times AA6603,
Tensolite 26895/90334X-1
8
21-033198-010
(L-1254-S)
21-033197-010
(L-1254-S)
Tyco 7530A5314
8
21-033198-014
21-033197-014
5M2397-002
10
21-033800-001
(L-1256-A)
21-033801-001
(L-1256-B)
JN1088WU (75
W), JN1088WT (50W)
12
21-033909-012
(L-1256-J)
21-033908-012
(L-1256-J)
JN1104 Interface
GSC-03-81497-00 (75
W)
12
21-033909-023
(L-1256-M)
21-033908-023
(L-1256-M)
Replaced by -33 with
improved rear insulator
GSC-03-81497-00 (75
W)
12
21-033909-033
(L-1256-P)
21-033908-033
(L-1256-P)
JN1104 Interface
Harbour TRX179, Times Microwave AA-6151
(RT-179), Axon RGX-179, 540-1050-000 (75
W)
12
21-033909-071
(L-1256-AA)
21-033908-071
(L-1256-AA)
10602 (Twinax)
8
21-033724-015
(L-1255-C)
(Consult with
Amphenol for
availability)
Special design with triax
mating end and twinax
cable termination
Triax Size 8 Pin Contact
Cable Illustration - Triax Contact
Triax Size 12 Socket Contact
**Termination instructions are packaged with each contact
and can be found on-line at:
www amphenol-aerospace com/serviceinstructions asp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com