Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 21 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 21 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 17Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 18Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 19Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 20Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 21Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 22Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 23Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 24Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 25Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
232
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Differential Twinax Contacts, MIL-DTL-38999
Series III, Application Data
TV-R Series, MIL-DTL-38999 Series III* Connectors
DIFFERENTIAL TWINAX CONTACTS FOR USE IN TV-R CONNECTORS
Cable
Contact Part Number
(Termination Instruction Sheet)**
Impedance
(Ohms)
Contact
Size
Electrical
Protocol††
Crimping Tools
Pin
Socket
Inner
Contact
Outer
Contact
Tensolite 24463/05099X-8(LD), Thermax MX
100-24, Tensolite 24463/9P025X-2(LD), Thermax
12814, ST5M1284-003 (98 Ohm), 26463/70460X-
2 (98 Ohm), PIC E10224,
Fileca 2709-3, NF24T100-200C (Space),
S280W502-1
21-033387-021
(L-2119-E)
21-033388-021
(L-2119-E)
100
8
Ethernet, USB
M22520/2-01
with Positioner
M22520/2-37
or with Daniels
Positioner K709
M22520/5-01
with Die Set
M22520/5-45
(LocationA)
GORE GSC-05-827300-00 Tensolite
26453/03184X-2(LD) Thermax 956-626Z
21-033387-051***
(L-2119-AY)
21-033388-051***
(L-2119-AY)
Tensolite 26453/03184X-2(LD), Thermax
956-626Z, GORE GSC-05-827300-00
ASNE08072003-09
21-033387-041
(L-2119-T)
21-033388-041
(L-2119-T)
23460/05114X-2(LD), PIC E1024
21-033387-061
(L-2119-BH)
21-033388-061
(L-2119-BH)
Raychem 0026A0024, M17/176-00002 (77 Ohm)
21-033387-071
(L-2119-BJ)
21-033388-071
(L-2119-BJ)
JSFY11-24, Tensolite 24463/03220T-2(LD),
Thermax 956-1T200
21-033387-091
(L-2119-BT)
21-033388-091
(L-2119-BT)
S280W502-6, Tensolite 24463/9P026X-2(LD)
21-033387-101
(L-2119-AK)
21-033388-101
(L-2119-AK)
AXON P509782
21-033387-131
21-033388-131
100
Tensolite 26453/03184X-2(LD)
21-033387-151
21-033388-151
100
Gore DXN 2125
21-033387-161
21-033388-161
100
Tensolite 26483/03071X-2(LD)
21-033387-031
(L-2119-AC)
21-033388-031
(L-2119-AC)
150
Tensolite 26483/03071X-2(LD)
21-033456-001
(L-2119-BX)†
21-033457-001
(L-2119-BX)†
Fibre Channel, 1000 Base-CX
Ethernet
PCB DIFFERENTIAL TWINAX CONTACTS FOR USE IN TV-R CONNECTORS
PCB Twinax
Contacts
Contact Part Number
Impedance
(Ohms)
Contact
Size
Pin
Socket
PCB (1.035 Length)
21-033834-001
21-033835-001
100
8
PCB (.788 Length)
21-033834-031
21-033835-031
PCB (.494 Length)
21-033834-041
21-033835-041
PCB (.939 Length)
21-033834-051
21-033835-051
PCB (.780 Length)
21-033834-061
21-033835-061
PCB (.871 Length)
21-033834-071
21-033835-071
PCB (.937 Length)
21-033834-081
21-033835-081
PCB (1.035 Length)
21-033834-091
21-033835-091
PCB (.843 Length)
21-033834-101
21-033835-101
PCB (.806 Length)
21-033834-111
21-033835-111
PCB (.908 Length)
21-033834-121
21-033835-121
PCB (.530 Length)
21-033834-131
21-033835-131
PCB (.819 Length)
21-033834-141
21-033835-141
PCB (1.035 Length)
21-033834-021
21-033835-021
150
PCB (1.035 Length) mates to
210-33456/57 series
21-033458-001
21-033457-001
Daniels crimping tools are available from Daniels Mfg
Corp 6103 Anno Ave , Orlando, FL 32809
* Requires modified connector to accommodate keyed
contacts
*** Indicated contact is vacuum degassed
†† Test reports available for indicated protocols
Consult Amphenol Aerospace
**Termination instructions are packaged with each contact
and can be found on-line at:
www amphenol-aerospace com/serviceinstructions asp
† Consult Amphenol Aerospace for current release of this
instruction sheet
DIFFERENTIAL TWINAX CONTACT DATA
Contacts are inserted by hand Refer to termination instructions listed Contacts are
removed with a removal tool Recommended tool is MIL-I-81969/14-06, Daniels
DRK-264-8 Refer to termination instructions listed
Finish of mating contact parts: Contact part numbers shown in the chart above are
supplied gold plated per ASTM B488 Type II, Code C, 000050 min thick over nickel
plate per AMS-QQ-N-290, Class 2, 000030/ 000150 thick
Indicated length given in chart at left
is the distance from the rear of the contact
retention shoulder to the tip of the PCB tails
L DIM. LENGTH
INDICATED IN
TABLE COLUMN
Note: It does not indicate stickout length when
installed in D38999 connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com