Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 45 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 45 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 43Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 44Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 45Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 46Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 47Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 48Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 49Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
256
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Coax, Twinax & Triax PC Tail Contacts
Application Data, cont
PC TAIL COAX, TWINAX, AND TRIAX CONTACTS FOR USE IN D38999 SERIES I & III CONNECTORS
Size
PC Tail Coax
Contact Part Number
PC Tail Twinax Contact
Part Number
PC Tail Triax
Contact Part Number
Tails*
Comments
8 Pin
21-033733-007
PCB 2 tails
8 Pin
21-033733-002
PCB 2 tails
For epoxy filled connector
8 Pin
21-033733-004
PCB 2 tails
For epoxy filled connector
8 Pin
21-033733-005
PCB 4 outer tails, 1 inner
8 Pin
21-033733-009
PCB 2 tails
8 Pin
21-033733-008
PCB 2 tails
8 Socket
21-033426-001
PCB 2 tails
8 Pin
21-033967-115
PCB 3 tails
M39029/90/91 Interface
8 Pin
21-033967-125
PCB 3 tails
8 Pin
21-033967-015
PCB 3 tails
8 Pin
21-033967-045
PCB 3 tails
8 Pin
21-033967-055
PCB 3 tails
8 Pin
21-033967-065
PCB 3 tails
8 Pin
21-033967-085
PCB 3 tails
8 Pin
21-033967-095
PCB 3 tails
8 Pin
P-209550†
PCB 3 tails
8 Pin
P-209532-1
PCB 9 tails
8 Pin
P-209532-2
PCB 9 tails
8 Socket
21-033921-015
PCB 3 tails
8 Socket
21-033921-045
PCB 3 tails
8 Socket
21-033921-035
PCB 3 tails
8 Socket
21-033921-065
PCB 3 tails
8 Socket
21-033921-075
PCB 3 tails
8 Socket
21-033921-115†
PCB 3 tails
8 Socket
21-033479-001
PCB 3 tails
AS39029/114 Type
(with hood)
8 Socket
21-033479-021
PCB 3 tails
AS39029/114 Type
(with hood)
8 Socket
21-033921-105†
PCB 3 tails
M39029/90/91 Interface
040 dia tails
8 Socket
DB-109002
PCB 2 tails
M39029/91 Interface
Outer body grounded to shell
8 Socket
21-033919-015
PCB 2 tails
8 Socket
21-033919-025
PCB 2 tails
8 Pin
21-033828-001
PCB 3 tails
8 Pin
21-033828-021
PCB 3 tails
8 Pin
21-033828-041
PCB 3 tails
8 Socket
21-033840-001
PCB 3 tails
8 Socket
21-033840-021
PCB 2 tails
Outer body grounded to shell
8 Socket
21-033841-001
PCB 2 tails
Outer body grounded to shell
10 Pin
21-033844-002†
PCB 2 tails
Outer body grounded to shell
12 Socket
* Consult Amphenol Aerospace for tail configurations and tail diameters
† Consult Amphenol Aerospace for current release of this contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com