Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 39 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 39 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 35Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 38Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 39Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 40Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 43Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
250
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
High Frequency Contacts for MIL-DTL-38999
Series III Circular General Description
Amphenol® High Frequency Contacts
Amphenol and SV Microwave (an Amphenol company) offer DC to 40 GHz
high frequency size 8, 12 and 16 coaxial contacts for the D38999 Series III
housing and standard inserts These contacts allow any application to
continue to use the D38999 connector and be able to expand the use to
include the microwave transmission lines Features include:
• Superior electrical performance and high frequency capability
• Blindmate advantage and maintenance of an accurate phase length
when mated
• Can be terminated to a multiple of cable types depending on the application
• Uses standard interfaces based on MIL-STD-348, and can be installed in
any MIL-DTL-38999 size 8, 12 or 16 insert
• Unique“Float Mount”technology allows for consistent microwave
performance while maintaining tight mechanical tolerances
Subminiature MIL-DTL-38999 Series III
Connector with Size 8 High Frequency Contacts
SPECIFICATIONS
Electrical
(Mated pair size 8 - RG 405 Semi-Rigid Cable)
Impedance
50
W
Frequency Range
DC - 40 GHz
VSWR
1 05 + 01 (freq GHz)
Insertion Loss
0 03 (freq GHz)
Insulation Resistance (Min )
10,000 M
W
Contact Resistance (Max )
Center conductor:
6 0 m
W
outer conductor:
3 0 m
W
outer to cable:
0 5 m
W
Dielectric Withstanding Voltage 1,000 VRMS
Corona Extinction Voltage
250 VRMS
RF High Potential Voltage
500 VRMS
RF Leakage
- (80-freq GHz)
Materials and Finish
Body and Sleeve
Stainless steel per
AMS-5640 Alloy UNS
S30300 Type 1
Ferrule
Brass per ASTM B16,
Alloy UNS C36000
Contact & Lock Ring
Beryllium copper per ASTM
B196 Alloy UNS C17300, Td04
Insulator
PTFE per ASTM D1710,
Type 1, Grade 1, Class B
Spring
Stainless steel per ASTM
A313 Type 631
Rear Body & Contacts Gold per ASTM B488 Type II,
Code C, Class 1 27;
over Nickel per AMS-QQ-N-290
Class 1 (60µ inches);
over Copper per MIL-C-14550
(10µ inches)
Passivated per AMS-2700, Type 2
HIGH FREQUENCY COAX CONTACTS
FOR USE IN D38999, SERIES III CONNECTORS
High Frequency
Amphenol Part
Number
(Termination
Instruction Sheet)
Inter-
face
Frequency
For use
with Cable
Type
Cavity
Size
Piggyback
Grommet
21-033449-01HF
(300-17-008)
BMZ
40 GHZ
TFLEX-405
Socket
8
21-033321-007
21-033448-01HF
(300-17-008)
Pin
21-033449-02HF
(300-89-009)
BMZ
18 GHZ
TFLEX-405
Socket
8
21-033321-007
21-033448-02HF
(300-89-009)
Pin
21-033449-03HF
(300-89-008)
BMZ
12 GHZ
RG-400/
RG-142
Socket
8
21-033321-009
21-033448-03HF
(300-89-008)
Pin
21-033449-04HF
(300-89-002)
BMZ
18 GHZ
TFLEX-402
Socket
8
21-033321-010
21-033448-04HF
(300-89-002)
Pin
21-033449-06HF
BMA
26 5 GHZ
TFLEX-405
Socket
8
21-033321-007
21-033448-06HF
Pin
21-033449-07HF
BMA
26 5 GHZ
TFLEX-402
Socket
8
21-033321-010
21-033448-07HF
Pin
21-033449-08HF
BMZ-
75
Ohm
2 GHZ
LMR-240-
75
Socket
8
21-033321-008
21-033448-08HF
Pin
21-033449-09HF
SMPM
65 GHZ
TFLEX-405
Socket
12
N/A
21-033448-09HF
Pin
21-033449-10HF
SMPS
65 GHZ
0 047 Dia
Cable
Socket
16
N/A
21-033448-10HF
Pin
21-033449-11HF
BMZ
2 GHZ
RG179
Socket
8
21-033321-007
21-033448-11HF
Pin
HIGH FREQUENCY CONTACTS
Environmental
Temperature Range
–65°C to +125°C
Corrosion (Salt Spray) MIL-STD-202, Method 101, Condition B
Vibration
MIL-STD-202, Method 204, Condition D, 20 Gs
Shock
MIL-STD-202, Method 213, Condition 1, 100 Gxs
Thermal Shock
MIL-STD-202, Method 107, Condition B, –65°C to +125°C
Moisture Resistance
MIL-STD-202, Method 106, Less step 7B
Barometric Pressure (Altitude) MIL-STD-202, Method 105, Condition C, 70,000 ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com