Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPPERCATALOG Datasheet(PDF) 1 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 1 Page - Amphenol Aerospace Operations

  COPPERCATALOG Datasheet HTML 1Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 2Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 3Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 4Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 5Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 6Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 7Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 8Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
CONCENTRIC
TWINAX
TRIAX
TWINAX
PC TAIL
DIFFERENTIAL
TWINAX
COAXIAL
QUADRAX
“SPLIT-PAIR”
QUADRAX
CONTACT &
CAbLE
mICRO D-TWINAX
TRANSITION ADAPTERS
212
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
New
Featured
Amphenol
HighFrequencyContacts
TABLE OF CONTENTS
• Overview of Amphenol’s High Frequency Contacts
213-217
• Cable Systems, Cable Assembly/Testing of Cables
218
• Cable Usage Guide
219-222
High Frequency Contacts Typical Markets:
• Military & Commercial Aviation
• Military Vehicles
• Missiles & Ordnance
• C4ISR
Amphenol
Aerospace
MIL-DTL-38999 Circular Connector Overview
223
Contacts for MIL-DTL-38999 Connectors:
• Quadrax Contacts
224-226
• New“Split-Pair”Quadrax Contacts
227-230
• Differential Twinax Contacts
231, 232
Compliant Quadrax and PC Tail Quadrax Contacts
233
• Quadrax Transition & Differential Twinax Transitional Adapters
234-237
• Micro D-Twinax Transition Adapters
238-240
• Insert Arrangements for MIL-DTL-38999, Series III
241, 242
• How to Order, 38999 Series III with Quadrax 100 ohm Contacts
243
• Coaxial Contacts
244-247
• Matched Impedance Coaxial Contacts
248
• Typical Contact Installation Instructions for Coax Contacts
249
• High Frequency Contacts (DC to 40 GHz)
250
• Twinax Contacts
251-253
• Triax Contacts
254
• Coax, Twinax & Triax PC Tail Contacts
255-257
• Insert Arrangements for MIL-DTL-38999 Series III Incorporating Coax,
Twinax and Triax Contacts
258-260
Standard MIL-DTL-5015 & Heavy Duty MIL-DTL-22992 Circular
Connector Overview
261
Contacts for Standard MIL-DTL-5015 & Heavy Duty
MIL-DTL-22992 Connectors:
• Coaxial Contacts
262, 263
• Insert Arrangements for Standard MIL-DTL-5015 and Heavy Duty
MIL-DTL-22992 Incorporating Coax Contacts
264
• Rectangular Rack & Panel Connectors that incorporate High Speed
265, 266
• Guide for Selecting High Frequency Contacts and Cables
267


Similar Part No. - COPPERCATALOG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CopperFoil FREESCALE-CopperFoil Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
CopperWire FREESCALE-CopperWire Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
CopperWire FREESCALE-CopperWire Datasheet
822Kb / 15P
RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - COPPERCATALOG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
High-Frequency, High-Frequency Amp Analog Switch Applications
logo
Nais(Matsushita Electri...
RG1-3V NAIS-RG1-3V Datasheet
102Kb / 7P
HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
HIGH FREQUENCY
logo
Yamaichi Electronics Co...
YED274 YAMAICHI-YED274 Datasheet
272Kb / 2P
High Frequency Contacts
logo
YAGEO Corporation
431115300245 YAGEO-431115300245 Datasheet
183Kb / 13P
HIGH FREQUENCY
logo
Silicon Laboratories
SI5344H-42H SILABS-SI5344H-42H Datasheet
1Mb / 56P
HIGH-FREQUENCY,
logo
YAGEO Corporation
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
HIGH FREQUENCY
logo
Amphenol Communications...
MIL-DTL-38999 AMPHENOLCS-MIL-DTL-38999_V01 Datasheet
3Mb / 56P
High Frequency Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com