Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 44 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 44 Page - SIMCom

Back Button SIM800H Datasheet HTML 40Page - SIMCom SIM800H Datasheet HTML 41Page - SIMCom SIM800H Datasheet HTML 42Page - SIMCom SIM800H Datasheet HTML 43Page - SIMCom SIM800H Datasheet HTML 44Page - SIMCom SIM800H Datasheet HTML 45Page - SIMCom SIM800H Datasheet HTML 46Page - SIMCom SIM800H Datasheet HTML 47Page - SIMCom SIM800H Datasheet HTML 48Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Smart Machine Smart Decision
If power supply is 2.8V for SD card, customer can use VDD_EXT; if power supply is 3.3V, please use external
design LDO.
4.10. Keypad Interface
The keypad interface consists of 5 keypad column outputs and 5 keypad row inputs, with total 5*5*2, which is 50
keys. Module keys have two connections: connections 1, which can support 25 keys; connections 2, which can
support 50 keys.
Connections 1:
Figure 40: 25 keys reference circuit
Note:According to the traditional 5*5 to design buttons, when there is spare KBC or KBR, customer can execute AT command
to define as GPIO for details please see the relevant manuals.
Connections 2:
Module supports a new key connection, can support 50 keys, which meets full keyboard demand, the connection
diagram is as following:
SIM800H&SIM800L_Hardware Design_V2.02
44
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com