Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 61 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 61 Page - SIMCom

Back Button SIM800H Datasheet HTML 57Page - SIMCom SIM800H Datasheet HTML 58Page - SIMCom SIM800H Datasheet HTML 59Page - SIMCom SIM800H Datasheet HTML 60Page - SIMCom SIM800H Datasheet HTML 61Page - SIMCom SIM800H Datasheet HTML 62Page - SIMCom SIM800H Datasheet HTML 63Page - SIMCom SIM800H Datasheet HTML 64Page - SIMCom SIM800H Datasheet HTML 65Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
61
2015-07-27
Table 50: Bluetooth characteristics
Terms
Contents
Bluetooth specification
Version3.0
Channel spacing
1MHz
Number of RF channel
79
Power class
1.5
Operation mode (Rx/Tx)
Time division multiplex either transmit or receive Frequency
hopping after one Rx/Tx cycle
Items
Min
Typ
Max
Unit
1. Output Power
5.5
7.5
10
dBm
2. Frequency range (Rx/Tx)
2402 - 2480
MHz
3. -20dB bandwidth
-
0.8
1
MHz
4. Adjacent Channel Power
5.1 [M-N] = 2
-46
-20
dBm
5.2 [M-N] > 2
-51
-40
dBm
6. Modulation characteristics
6.1 Modulation δf1avg
140
165
175
kHz
6.2 Modulation δf2max
115
130
kHz
6.3 Modulation δf2avg/δf1avg
0.8
0.88
7. Carrier Frequency Drift
7.1 1slot
-25
+25
kHz
7.2 3slot
-40
+40
kHz
7.3 5slot
-40
+40
kHz
7.4 Maximum drift rate
-20
+20
kHz/50us
8. Out-of-Band Spurious Emissions
8.1 30-1000MHz (Operation Mode)
-58
-36
dBm
8.2 1000-12750MHz (Operation Mode)
-40
-30
dBm
8.3 1800-1900MHz(Operation Mode)
-80
-47
dBm
8.4 5150-5300MHz (Operation Mode)
-80
-47
dBm
9. EDR Relative Power
(Pi/4-DQPSK and 8DPSK)
-4
-0.2
1
10. EDR Carrier Frequency Stability and
Modulation Accuracy
10.1 ωi (Pi/4-DQPSK and 8DPSK)
-75
0
75
kHz
10.2 ω0 (Pi/4-DQPSK and 8DPSK)
-10
0
10
kHz
10.3 ωi+ω0 (Pi/4-DQPSK and 8DPSK)
-75
0
75
kHz
10.4 RMS DEVM (Pi/4-DQPSK)
6
20
%
10.5 99% DEVM (Pi/4-DQPSK)
10
30
%
10.6 Peak DEVM (Pi/4-DQPSK)
14
35
%
10.7 RMS DEVM (8DPSK)
6
13
%
10.8 99% DEVM (8DPSK)
10
20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com