Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 62 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 62 Page - SIMCom

Back Button SIM800H Datasheet HTML 58Page - SIMCom SIM800H Datasheet HTML 59Page - SIMCom SIM800H Datasheet HTML 60Page - SIMCom SIM800H Datasheet HTML 61Page - SIMCom SIM800H Datasheet HTML 62Page - SIMCom SIM800H Datasheet HTML 63Page - SIMCom SIM800H Datasheet HTML 64Page - SIMCom SIM800H Datasheet HTML 65Page - SIMCom SIM800H Datasheet HTML 66Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
Smart Machine Smart Decision
10.9 Peak DEVM (8DPSK)
16
25
%
RX characteristics
11. Sensitivity (BER < 0.1%)
11.1 2402MHz
-92
-70
dBm
11.2 2441MHz
-92
-70
dBm
11.3 2480MHz
-92
-70
dBm
12. C/I Performance (BER < 0.1%)
12.1 co-channel ratio (-60dBm input)
8
11
dB
12.2 1MHz ratio (-60dBm input)
-10
0
dB
12.3 2MHz ratio (-60dBm input)
-38
-30
dB
12.4 3MHz ratio (-67dBm input)
-45
-40
dB
12.5 image +/- 1MHz ratio (-67dBm input)
-30
-20
dB
13. Blocking performance (BER < 0.1%)
13.1 30MHz-2000MHz
-10
-8
dBm
13.2 2000MHz-2400MHz
-28
0
dBm
13.3 2500MHz-3000MHz
-28
0
dBm
13.4 3000MHz-12750MHz
-10
-5
dBm
14. Intermodulation performance
(BER < 0.1%, -64dBm input)
-39
-30
dBm
15. Maximum Input Level
-20
-5
dBm
16. EDR Sensitivity (at 0.01% BER)
16.1 Pi/4-DQPSK
-94
-70
dBm
16.2 8DPSK
-87
-70
dBm
Table 51: Current consumption of Bluetooth
Conditions
Min
Typ
Max
Unit
Search
16.4
38.3
107.6
mA
Matches
13.3
17.1
58.4
mA
Connect
17.5
24.1
74.8
mA
6.9
Electro-Static Discharge
SIM800H&SIM800L is an ESD sensitive component, so attention should be paid to the procedure of handling
and packaging. The ESD test results are shown in the following table.
SIM800H&SIM800L_Hardware Design_V2.02
62
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com