Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 52 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 52 Page - SIMCom

Back Button SIM800H Datasheet HTML 48Page - SIMCom SIM800H Datasheet HTML 49Page - SIMCom SIM800H Datasheet HTML 50Page - SIMCom SIM800H Datasheet HTML 51Page - SIMCom SIM800H Datasheet HTML 52Page - SIMCom SIM800H Datasheet HTML 53Page - SIMCom SIM800H Datasheet HTML 54Page - SIMCom SIM800H Datasheet HTML 55Page - SIMCom SIM800H Datasheet HTML 56Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Smart Machine Smart Decision
4.18.1. RF_SYNC Multiplexing Function
RF_SYNC can be used in the RF Jamming Detection function. The RF_SYNC function and RF Jamming
Detection function can be switched by AT+SJDR command.
Table 41: RF_SYNC Multiplexing function
Pin name
Pin number
Mode 0(default)
Mode 1
RF_SYNC
5
RF Synchronization Signal
JD(RF jamming detection)
Note: About AT+SJDR, please refer to document [1].
4.19. Antenna Interface
There are three antenna ports for SIM800H&SIM800L, GSM antenna port named GSM_ANT, Bluetooth
antenna port named BT_ANT and FM antenna port named FM_ANTP/ FM_ANTN, The RF interface of the
three antenna ports has an impedance of 50Ω.
The input impendence of the antenna should be 50Ω, and the VSWR should be less than 2.
It is recommended that the GSM antenna and the BT antenna should be placed as far as possible.
The isolations of the three antenna should be bigger than 30dB
NOTE:About the RF trace layout please refer to“AN_SMT Module_RF_Reference Design_Guide”.
4.19.1. GSM Antenna Interface
There is a GSM antenna pad named GSM_ANT for SIM800H&SIM800L, the connection of the antenna must be
decoupled from DC voltage. This is necessary because the antenna connector is DC coupled to ground via an
inductor for ESD protection.
The external antenna must be matched properly to achieve best performance, so the matching circuit is necessary,
the connection is recommended as following:
Figure 49: GSM antenna matching circuit
R101,C101,C102 are the matching circuit, the value should be defined by the antenna design. Normally R101 is
0Ω, C101 and C102 are not mounted. The RF connector is used for conduction test. If the space between RF pin
and antenna is not enough, the matching circuit should be designed as in the following figure:
SIM800H&SIM800L_Hardware Design_V2.02
52
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com