Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 60 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 60 Page - SIMCom

Back Button SIM800H Datasheet HTML 56Page - SIMCom SIM800H Datasheet HTML 57Page - SIMCom SIM800H Datasheet HTML 58Page - SIMCom SIM800H Datasheet HTML 59Page - SIMCom SIM800H Datasheet HTML 60Page - SIMCom SIM800H Datasheet HTML 61Page - SIMCom SIM800H Datasheet HTML 62Page - SIMCom SIM800H Datasheet HTML 63Page - SIMCom SIM800H Datasheet HTML 64Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
60
2015-07-27
6.8
Current Consumption (VBAT=3.8V)
Table 49: Current consumption
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Voltage
3.4
4.0
4.4
V
Power drop
PCL=5
350
mV
VBAT
Voltage ripple
PCL=5
@ f<200kHz
@ f>200kHz
50
2.0
mV
mV
Power down mode
150
200
uA
Sleep mode (AT+CFUN=1):
( BS-PA-MFRMS=9 )
( BS-PA-MFRMS=5)
( BS-PA-MFRMS=2)
1.04
1.14
1.57
mA
mA
mA
Idle mode (AT+CFUN=1):
GSM850
EGSM900
DCS1800
PCS1900
17.38
17.38
17.38
17.38
mA
mA
mA
mA
Voice call (PCL=5):
GSM850
EGSM900
DCS1800
PCS1900
221.11
238.44
157.48
159.22
mA
mA
mA
mA
Data mode GPRS (1Rx,4Tx):
GSM850
EGSM900
DCS1800
PCS1900
491.79
529.84
333.16
336.28
mA
mA
mA
mA
Data mode GPRS (3Rx,2Tx):
GSM850
EGSM900
DCS1800
PCS1900
359.75
385.73
250.54
251.30
mA
mA
mA
mA
IVBAT
Average current
Data mode GPRS (4Rx,1Tx):
GSM850
EGSM900
DCS1800
PCS1900
233.87
249.85
174.13
174.94
mA
mA
mA
mA
IMAX
Peak current
During Tx burst
2.0
A
Note: In above table the current consumption value is the typical one of the module tested in laboratory. In the mass production
stage, there may be differences among each individual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com