Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 47 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 47 Page - SIMCom

Back Button SIM800H Datasheet HTML 43Page - SIMCom SIM800H Datasheet HTML 44Page - SIMCom SIM800H Datasheet HTML 45Page - SIMCom SIM800H Datasheet HTML 46Page - SIMCom SIM800H Datasheet HTML 47Page - SIMCom SIM800H Datasheet HTML 48Page - SIMCom SIM800H Datasheet HTML 49Page - SIMCom SIM800H Datasheet HTML 50Page - SIMCom SIM800H Datasheet HTML 51Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
Smart Machine Smart Decision
2. If customers design I2C please pull up to VDD_EXT.
4.11.1. I2C Multiplexing Function
Table 26: I2C multiplexing function
Pin name
Pin number
Mode 0(default)
Mode 1
SCL
74
SCL
GPIO25
SDA
75
SDA
GPIO26
Note: Multiplexing function need different software supply.
4.12. General Purpose Input/Output (GPIO)
SIM800H&SIM800L provides 3 GPIO pins. The output voltage level of the GPIO can be set by AT command
“AT+SGPIO”. The input voltage level of the GPIO can also be read by AT command “AT+SGPIO”. For more
details, please refer to document [1].
Table 27: Pin definition of the GPIO
Pin name
Pin number
Reset state
GPIO1
3
-
GPIO2
27
-
GPIO3
28
-
0.29s
PWRKEY
(INPUT)
SIM800H&SIM800L_Hardware Design_V2.02
47
2015-07-27
GPIO1
t<1.9s
GPIO2
0.8s
GPIO3
t<=10us
Figure 44: GPIO timing sequences
4.13. ADC
Table 28: Pin definition of the ADC
Pin name
Pin number
Description
ADC
50
Analog voltage input
SIM800H&SIM800L provides an auxiliary ADC, which can be used to measure the voltage. Customer can use
AT command “AT+CADC” to read the voltage value. For details of this AT command, please refer to document
[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com