Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 35 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 35 Page - SIMCom

Back Button SIM800H Datasheet HTML 31Page - SIMCom SIM800H Datasheet HTML 32Page - SIMCom SIM800H Datasheet HTML 33Page - SIMCom SIM800H Datasheet HTML 34Page - SIMCom SIM800H Datasheet HTML 35Page - SIMCom SIM800H Datasheet HTML 36Page - SIMCom SIM800H Datasheet HTML 37Page - SIMCom SIM800H Datasheet HTML 38Page - SIMCom SIM800H Datasheet HTML 39Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
Smart Machine Smart Decision
Figure 29: RI behaviour of URC or receive SMS
However, if the module is used as caller, the RI will remain high. Please refer to the following figure.
Figure 30: RI behaviour as a caller
4.7. Audio Interfaces
SIM800H&SIM800L provides two analog inputs (MIC1P/1N; MIC2P/2N), which could be used for electret
microphone. The module also provides two analog outputs (SPK1P/1N; SPK2P/2N).
Table 13: Audio interface definition
Pin name
Pin number
Function
MIC1P
52
Main Audio input positive
MIC1N
12
Main Audio input negative
SPK1P
53
Main Audio output positive
Main
SPK1N
13
Main Audio output negative
MIC2P
9
Secondary Audio input positive
MIC2N
10
Secondary Audio input negative
SPK2P
51
Secondary Audio output positive
Secondary
SPK2N
11
Secondary Audio output negative
SPK1P/1N output can directly drive 32Ω receiver, SIM800H&SIM800L internal has class-AB audio amplifier,
the following table is class-AB performance:
SIM800H&SIM800L_Hardware Design_V2.02
35
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com