Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 29 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 29 Page - SIMCom

Back Button SIM800H Datasheet HTML 25Page - SIMCom SIM800H Datasheet HTML 26Page - SIMCom SIM800H Datasheet HTML 27Page - SIMCom SIM800H Datasheet HTML 28Page - SIMCom SIM800H Datasheet HTML 29Page - SIMCom SIM800H Datasheet HTML 30Page - SIMCom SIM800H Datasheet HTML 31Page - SIMCom SIM800H Datasheet HTML 32Page - SIMCom SIM800H Datasheet HTML 33Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
Smart Machine Smart Decision
Table 9: Serial port and USB pin definition
Pin name
Pin number Function
DTR
69
Data terminal ready
RI
68
Ring indicator
DCD
70
Data carrier detect
CTS
34
Request to send
RTS
33
Clear to send
TXD
32
Transmit data
Serial port
RXD
31
Receive data
VBUS
7
USB power supply
USB_DP
59
Debug port
USB_DN
19
Note: Hardware flow control is disable by default. AT command “AT+IFC=2,2”can enable hardware flow control. AT command
“AT+IFC=0,0”can disable hardware flow control. For more details please refer to document [1].
Table 10: Serial port characteristics
Symbol
Min
Typ
Max
Unit
VIL
-0.3
-
0.7
V
VIH
2.1
-
3.1
V
VOL
-
-
0.4
V
VOH
2.4
2.8
-
V
SIM800H&SIM800L module can support dual serial port function, that need execute AT command
"AT+CMNRP=1"first. Dual serial port including one full modem serial port and one three-wire serial port, pin
definition is different with standard definition of the Figure 2: Pin assignment (Top view) and Table 5: Pin
description. For more details please refer to Document [2].
Note: Only B05 and later version support dual serial port function.
4.5.1
Function of Serial Port
Serial port:
Full mode device.
Contains data lines TXD and RXD, hardware flow control lines RTS and CTS, status lines DTR, DCD and
RI.
Serial port can be used for CSD FAX, GPRS service and AT communication. It can also be used for
multiplexing function. For details about multiplexing function, please refer to table 11.
Serial port supports the following baud rates:
1200, 2400, 4800, 9600, 19200, 38400, 57600,115200,230400 and 460800bps
Autobauding only supports the following baud rates:
SIM800H&SIM800L_Hardware Design_V2.02
29
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com