Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 27 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 27 Page - SIMCom

Back Button SIM800H Datasheet HTML 23Page - SIMCom SIM800H Datasheet HTML 24Page - SIMCom SIM800H Datasheet HTML 25Page - SIMCom SIM800H Datasheet HTML 26Page - SIMCom SIM800H Datasheet HTML 27Page - SIMCom SIM800H Datasheet HTML 28Page - SIMCom SIM800H Datasheet HTML 29Page - SIMCom SIM800H Datasheet HTML 30Page - SIMCom SIM800H Datasheet HTML 31Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
27
2015-07-27
is set to minimum functionality by “AT+CFUN=0”, the RF function and SIM card function will be disabled. In
this case, the serial port is still accessible, but all AT commands correlative to RF function and SIM card
function will not be accessible.
For detailed information about AT command “AT+CFUN=<fun>“, please refer to document [1].
4.3.2.
Sleep Mode 1 (AT+CSCLK=1)
Customer can control SIM800H&SIM800L module to enter or exit the sleep mode (AT+CSCLK=1) by DTR
signal. When DTR is in high level and without interrupt (on air and hardware such as GPIO interrupt or data in
serial port), SIM800H&SIM800L will enter sleep mode automatically. In this mode, SIM800H&SIM800L can
still receive paging or SMS from network but the serial port is not accessible.
4.3.3.
Wake Up SIM800H&SIM800L from Sleep Mode 1
When SIM800H&SIM800L is in sleep mode 1(AT+CSCLK=1), the following methods can wake up the module:
Pull down DTR pin.
The serial port will be active after DTR pin is pulled to low level for about 50ms.
Receive a voice or data call from network.
Receive a SMS from network.
Receive external interrupt.
Note: After module has received incoming call or new SMS, serial port can report URC, but the serial port can not input AT
command. Only after the DTR pin is pulled to low level for 50ms, the serial port can input AT command.
4.3.4.
Sleep Mode 2 (AT+CSCLK=2)
In this mode, SIM800H&SIM800L will continuously monitor the serial port data signal. When there is no data
transfer over 5 seconds on the RXD signal and there is no on air and hardware interrupts (such as GPIO interrupt),
SIM800H&SIM800L will enter sleep mode 2 automatically. In this mode, SIM800H/L can still receive paging or
SMS from network .
4.3.5.
Wake Up SIM800H&SIM800L from Sleep Mode 2
When SIM800H&SIM800L is in sleep mode 2 (AT+CSCLK=2), the following methods can wake up the module:
Send data to SIM800H&SIM800L via main serial port (the first character will lose).
Receive a voice or data call from network.
Receive a SMS from network.
Note: Autobauding is default. It cannot enter sleep mode in the absence of synchronous serial port baud rate after module power
on.
4.4. RTC Backup
Current input for RTC when the VBAT is not supplied for the system. Current output for backup battery when
the VBAT power supply is in present and the backup battery is in low voltage state. The RTC power supply of
module can be provided by an external capacitor or a battery (non-chargeable or rechargeable) through the VRTC.
The following figures show various reference circuits for RTC back up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com