Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 11 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 11 Page - SIMCom

Back Button SIM800H Datasheet HTML 7Page - SIMCom SIM800H Datasheet HTML 8Page - SIMCom SIM800H Datasheet HTML 9Page - SIMCom SIM800H Datasheet HTML 10Page - SIMCom SIM800H Datasheet HTML 11Page - SIMCom SIM800H Datasheet HTML 12Page - SIMCom SIM800H Datasheet HTML 13Page - SIMCom SIM800H Datasheet HTML 14Page - SIMCom SIM800H Datasheet HTML 15Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
11
2015-07-27
1. Introduction
This document describes SIM800H&SIM800L hardware interface in great detail. The document can help
customer to quickly understand SIM800H&SIM800L interface specifications, electrical and mechanical details.
With the help of this document and other SIM800H&SIM800L application notes, customer guide, customers can
use SIM800H&SIM800L to design various applications quickly.
2. SIM800H&SIM800L Overview
SIM800H&SIM800L is a quad-band GSM/GPRS module, that works on frequencies GSM850MHz,
EGSM900MHz, DCS1800MHz and PCS1900MHz. SIM800H&SIM800L features GPRS multi-slot class 12/
class 10 (optional) and supports the GPRS coding schemes CS-1, CS-2, CS-3 and CS-4.
With a tiny configuration of 17.8*15.8*2.4mm, SIM800H&SIM800L can meet almost all the space
requirements in customer applications, such as smart phone, PDA and other mobile devices.
SIM800H&SIM800L is a LGA package with 88 pads, and provides all hardware interfaces between the
module and customers’ boards.
Support 5*5*2 keypads
One full modem serial port, customer can configure two serial ports
One USB, the USB interfaces can debug, download software
Audio channel which includes two microphone input; a receiver output and a speaker output
Programmable general purpose input and output.
A SIM card interface
Support Bluetooth(only SIM800H)
Support FM
Support one PWM
SIM800H&SIM800L is designed with power saving technique so that the current consumption is as low as
1.04mA in sleep mode.
2.1. SIM800H&SIM800L
Table 1: Module information
SIM800H
SIM800L
GSM
850,900,1800 and 1900MHz
850,900,1800 and 1900MHz
BT
Support
Not support
FLASH
32Mbit
16Mbit
RAM
32Mbit
32Mbit
2.2. SIM800H&SIM800L Key Features
Table 2: SIM800H&SIM800L key features
Feature
Implementation
Power supply
3.4V ~4.4V
Power saving
Typical power consumption in sleep mode is 1.04mA (BS_PA_MFRMS=9 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com