Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 7 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 7 Page - SIMCom

Back Button SIM800H Datasheet HTML 3Page - SIMCom SIM800H Datasheet HTML 4Page - SIMCom SIM800H Datasheet HTML 5Page - SIMCom SIM800H Datasheet HTML 6Page - SIMCom SIM800H Datasheet HTML 7Page - SIMCom SIM800H Datasheet HTML 8Page - SIMCom SIM800H Datasheet HTML 9Page - SIMCom SIM800H Datasheet HTML 10Page - SIMCom SIM800H Datasheet HTML 11Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
7
2015-07-27
TABLE 46: SIM_VDD CHARACTERISTICS................................................................................................................ 59
TABLE 47: VDD_EXT CHARACTERISTICS ............................................................................................................... 59
TABLE 48: VRTC CHARACTERISTICS ....................................................................................................................... 59
TABLE 49: CURRENT CONSUMPTION ...................................................................................................................... 60
TABLE 50: BLUETOOTH CHARACTERISTICS.......................................................................................................... 61
TABLE 51: CURRENT CONSUMPTION OF BLUETOOTH........................................................................................ 62
TABLE 52: THE ESD CHARACTERISTICS (TEMPERATURE: 25℃, HUMIDITY: 45 %) ....................................... 63
TABLE 53: GSM850 AND EGSM900 CONDUCTED RF OUTPUT POWER.............................................................. 63
TABLE 54: DCS1800 AND PCS1900 CONDUCTED RF OUTPUT POWER............................................................... 64
TABLE 55: CONDUCTED RF RECEIVE SENSITIVITY ............................................................................................. 64
TABLE 56: OPERATING FREQUENCIES..................................................................................................................... 64
TABLE 57: MOISTURE SENSITIVITY LEVEL AND FLOOR LIFE ........................................................................... 66
TABLE 58: BAKING REQUIREMENTS ....................................................................................................................... 67
TABLE 59: RELATED DOCUMENTS ........................................................................................................................... 68
TABLE 60: MULTIPLEXING FUNCTION .................................................................................................................... 69
TABLE 61: TERMS AND ABBREVIATIONS................................................................................................................ 70
TABLE 62: SAFETY CAUTION..................................................................................................................................... 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com