Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 53 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 53 Page - SIMCom

Back Button SIM800H Datasheet HTML 49Page - SIMCom SIM800H Datasheet HTML 50Page - SIMCom SIM800H Datasheet HTML 51Page - SIMCom SIM800H Datasheet HTML 52Page - SIMCom SIM800H Datasheet HTML 53Page - SIMCom SIM800H Datasheet HTML 54Page - SIMCom SIM800H Datasheet HTML 55Page - SIMCom SIM800H Datasheet HTML 56Page - SIMCom SIM800H Datasheet HTML 57Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
Smart Machine Smart Decision
Figure 50: GSM simple antenna matching circuit
Normally R101 is 0Ω, C101 and C102 are not mounted.
4.19.2. Bluetooth Antenna Interface (Only SIM800H)
The SIM800H module provides a Bluetooth antenna pad named BT_ANT.
The external antenna must be matched properly to achieve best performance, so the matching circuit is necessary,
the connection is recommended as in the following figure:
Figure 51: Bluetooth antenna matching circuit
R201, C201, C202 are the matching circuit, the value should be defined by the antenna design. Normally R201 is
1.2nH, C202 is 1.5pF and C201 are not mounted.
There are some suggestions for placing components and RF trace lying for GSM and Bluetooth RF traces:
The RF connector is used for conducted test, so keep it as close to pin GSM_ANT as possible;
Antenna matching circuit should be closed to the antenna;
Keep the RF traces as 50Ω;
The RF traces should be kept far away from the high frequency signals and strong disturbing source.
4.19.3. FM Antenna Interface
SIM800H&SIM800L_Hardware Design_V2.02
53
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com