Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 56 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 56 Page - SIMCom

Back Button SIM800H Datasheet HTML 52Page - SIMCom SIM800H Datasheet HTML 53Page - SIMCom SIM800H Datasheet HTML 54Page - SIMCom SIM800H Datasheet HTML 55Page - SIMCom SIM800H Datasheet HTML 56Page - SIMCom SIM800H Datasheet HTML 57Page - SIMCom SIM800H Datasheet HTML 58Page - SIMCom SIM800H Datasheet HTML 59Page - SIMCom SIM800H Datasheet HTML 60Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
56
2015-07-27
5.2
Principle of PCB Layout
During layout, attention should be paid to the following interfaces, like Antenna, power supply, SIM card
interface, audio interface, and so on.
5.2.1
Antenna Interface
The length of trace between pin output and connector should be as short as possible;
Do not trace RF signal over across the board;
The RF signal should be far away from SIM card, power ICs.
5.2.2.
Power Supply
Not only VBAT but also return GND are very important in layout;
The positive line of VBAT should be as short and wide as possible;
The correct flow from source to VBAT pin should go though Zener diode then huge capacitor;
Pin 2, Pin 43, Pin 44 and Pin45 are GND signals, and shortest layout to GND of power source
should be designed;
There are 12 GND pads in middle of module; these pads could enhance the GND performances. On
the upper layer of these pads, do not trace any signal if possible.
5.2.3
SIM Card Interface
SIM card holder has no anti-EMI component inside. Thus SIM card interface maybe interfered,
please pay more attention on this interface during layout;
Ensure SIM card holder is far way from antenna or RF cable inside;
Put SIM card holder near the module, as nearer as possible;
Add ESD component to protect SIM_CLK, SIM_DATA, SIM_RST and SIM_VDD signals which
should be far away from power and high-speed-frequency signal.
5.2.4
Audio Interface
The signal trace of audio should far away from antenna and power;
The audio signal should avoid to parallel with VBAT trace.
5.2.5
Others
It is better to trace signal lines of UART bunched, as well as signals of USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com