Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 58 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 58 Page - SIMCom

Back Button SIM800H Datasheet HTML 54Page - SIMCom SIM800H Datasheet HTML 55Page - SIMCom SIM800H Datasheet HTML 56Page - SIMCom SIM800H Datasheet HTML 57Page - SIMCom SIM800H Datasheet HTML 58Page - SIMCom SIM800H Datasheet HTML 59Page - SIMCom SIM800H Datasheet HTML 60Page - SIMCom SIM800H Datasheet HTML 61Page - SIMCom SIM800H Datasheet HTML 62Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
58
2015-07-27
6. Electrical, Reliability and Radio Characteristics
6.1
Absolute Maximum Ratings
The absolute maximum ratings stated in following table are stress ratings under non-operating conditions.
Stresses beyond any of these limits will cause permanent damage to SIM800H&SIM800L.
Table 42: Absolute maximum ratings
Symbol
Min
Typ
Max
Unit
VBAT
-
-
4.5
V
Current
0
-
2.0
A
VBUS
-
-
12
V
II*
-
4
16
mA
IO*
-
4
16
mA
*These parameters are for digital interface pins, such as keypad, GPIO, I2C, UART, LCD and PCM.
6.2
Recommended Operating Conditions
Table 43: Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VBAT
Power supply voltage
3.4
4.0
4.4
V
TOPER
Operating temperature
-40
+25
+85
℃
TSTG
Storage temperature
-45
+90
℃
6.3
Digital Interface Characteristics
Table 44: Digital interface characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIH
High-level input voltage
2.1
-
3.1
V
VIL
Low-level input voltage
-0.3
-
0.7
V
VOH
High-level output voltage
2.4
2.8
-
V
VOL
Low-level output voltage
-
-
0.4
V
Note: These parameters are for digital interface pins, such as keypad, GPIO, I2C, UART, LCD and PCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com