Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800H Datasheet(PDF) 49 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 49 Page - SIMCom

Back Button SIM800H Datasheet HTML 45Page - SIMCom SIM800H Datasheet HTML 46Page - SIMCom SIM800H Datasheet HTML 47Page - SIMCom SIM800H Datasheet HTML 48Page - SIMCom SIM800H Datasheet HTML 49Page - SIMCom SIM800H Datasheet HTML 50Page - SIMCom SIM800H Datasheet HTML 51Page - SIMCom SIM800H Datasheet HTML 52Page - SIMCom SIM800H Datasheet HTML 53Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
Smart Machine Smart Decision
4.14.1. PWM Multiplexing Function
Table 32: PWM multiplexing function
Pin name
Pin number
Mode 0(default)
Mode 1
PWM
26
PWM
GPIO16
Note: Multiplexing function need different software supply.
4.15. Network Status Indication
Table 33: Pin definition of the NETLIGHT
Pin name
Pin number
Description
NETLIGHT
64
Network Status Indication
The NETLIGHT pin can be used to drive a network status indication LED. The status of this pin is listed in
following table:
Table 34: Status of the NETLIGHT pin
Status
SIM800H&SIM800L behavior
Off
SIM800H&SIM800L is not running
64ms On/ 800ms Off
SIM800H&SIM800L not registered the network
64ms On/ 3000ms Off
SIM800H&SIM800L registered to the network
64ms On/ 300ms Off
GPRS communication is established
Reference circuit is recommended in the following figure:
Figure 46: Reference circuit of NETLIGHT
SIM800H&SIM800L_Hardware Design_V2.02
49
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com