Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DECAY_
BYPASS
0
PGA Gain Decay Mode
0 = PGA gain will ramp down
1 = PGA gain will step down
R25
PGA_CTRL1
19h
1
ATTACK_
BYPASS
0
PGA Gain Attack Mode
0 = PGA gain will ramp up
1 = PGA gain will step up
R27
ADD_CTRL1
1Bh
6:4
PGA_
SR[2:0]
001
Sample Rate for PGA
000 = 32kHz
001 = 44.1kHz
010 = 48kHz
011 = 88.2kHz
100 = 96kHz
101 = 176.4kHz
11X = 192kHz
See Table 24 for further information on PGA
sample rate versus volume ramp rate.
0
PGA_
SAFE_SW
0
PGA Ramp Control Clock Source Mux
Force Update
0 = Wait until clocks are safe before
switching PGA clock source
1 =
Force PGA clock source to change
immediately
3:1
PGA_
SEL[2:0]
000
PGA Ramp Control Clock Source
000 = ADCLRCLK
001 = DACLRCLK
010 to 110 = reserved
111 = ADCLRCLK (when ADC is being used
in master mode)
R36
PGA_CTRL3
24h
10
PGA_UPD
0
PGA Ramp Control Clock Source Mux
Update
0 = Do not update PGA clock source
1 = Update clock source
Table 25 Analogue Volume Ramp Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com