Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
62
Figure 43 R32-33 – Output Control Registers 1-2
R32 (20h) – Output Control Register 1 (OUTPUT_CTRL1)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
VOUT2L_
SEL[2]
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
VOUT2L_SEL[1:0]
VOUT1R _SEL[2:0]
VOUT1L_SEL[2:0]
Default
1
0
0
0
1
0
0
0
N/A = Not Applicable (no function implemented)
R33 (21h) – Output Control Register 2 (OUTPUT_CTRL2)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
VOUT3R_
SEL[2]
Default
0
0
0
0
0
0
0
1
Bit #
7
6
5
4
3
2
1
0
Read
Write
VOUT3R_SEL [1:0]
VOUT3L_SEL [2:0]
VOUT2R_SEL[2:0]
Default
0
1
1
0
0
0
1
1
N/A = Not Applicable (no function implemented)
Function
Description
VOUT1L_SEL[3:0]
VOUT1R_SEL [3:0]
VOUT2L_SEL [3:0]
VOUT2R_SEL [3:0]
VOUT3L_SEL [3:0]
VOUT3R_SEL [3:0]
Output Mux Selection
000 = PGA1L
001 = PGA1R
010 = PGA2L
011 = PGA2R
100 = PGA3L
101 = PGA3R
11X = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com