Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
42
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
POBCTRL
0
Bias Source for Output Amplifiers
0 = Output amplifiers use master bias
1 = Output amplifiers use fast bias
1
VMIDTOG
0
VMID Power Down Characteristic
0 = Slow ramp
1 = Fast ramp
2
FAST_EN
0
Fast Bias Enable
0 = Fast bias disabled
1 = Fast bias enabled
3
BUFIO_
EN
0
VMID Buffer Enable
0 = VMID Buffer disabled
1 = VMID Buffer enabled
4
SOFT_ST
1
VMID Soft Ramp Enable
0 = Soft ramp enabled
1 = Soft ramp disabled
5
BIAS_EN
0
Master Bias Enable
0 = Master bias disabled
1 = Master bias enabled
Also powers down ADCVMID
R35
BIAS
23h
7:6
VMID_
SEL[1:0]
00
VMID Resistor String Value Selection
(DACVMID only)
00 = off (no VMID)
01 = 100kΩ
10 = 500kΩ
11 = 10kΩ
The selection is the total resistance of the
string from DACREFP to DACREFN.
The
ADCVMID resistance is fixed at 200kΩ.
Table 30 Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com