Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
22
LEFT JUSTIFIED (LJ) MODE
In LJ mode, the MSB of the input data is sampled by the WM8599 on the first rising edge of bit clock
following a left/right clock transition. The MSB of output data changes on the same falling edge of bit
clock as left/right clock and may be sampled on the next rising edge of bit clock. Left/right clock is
high during the left channel audio data samples and low during the right channel audio data
samples.
Figure 11 LJ Mode Timing
RIGHT JUSTIFIED (RJ) MODE
In RJ mode the LSB of input data is sampled on the rising edge of bit clock preceding a left/right
clock transition. The LSB of output data changes on the falling edge of bit clock preceding a left/right
clock transition, and may be sampled on the next rising edge of bit clock. Left/right clock is high
during the left channel audio data samples and low during the right channel audio data samples.
Figure 12 RJ Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com