Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
30
There are a total of ten (five stereo) analogue input channels and four (two stereo) DAC output
channels. Two of the ten input channels can be routed to the ADC. Six of the 14 total channels can
be routed to the analogue outputs.
Figure 15 illustrates the various blocks of the analogue routing paths within the WM8599. The
following sections describe the control bits associated with the WM8599 analogue paths. Figure 15
also shows where these control bits take affect on the WM8599.
Figure 15 Analogue Routing Paths and Control
ANALOGUE VOLUME CONTROL
Each analogue bypass channel includes analogue volume control. Volume changes can be applied
to each channel immediately as they are written. Alternatively, all volume changes can be written,
and then all volume changes can be applied simultaneously using the volume update feature.
Volume control includes optional zero cross functionality. When zero cross is enabled, volume
changes are not applied until the output level crosses the DC level of the analogue channel (VMID).
Zero cross helps to prevent pop and click noise when changing volume settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com