Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
19
SLAVE MODE
In slave mode, the master clock to left/right clock ratio can be auto-detected or set manually by
register write.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
DAC1_CTRL2
03h
2:0
DAC1_
SR[2:0]
000
R8
DAC2_CTRL2
08h
2:0
DAC2_
SR[2:0]
000
DAC MCLK:LRCLK Ratio
000 = Auto detect
001 = 128fs
010 = 192fs
011 = 256fs
100 = 384fs
101 = 512fs
110 = 768fs
111 = 1152fs
DAC1_SR[2:0] and DAC2_SR[2:0] should
always be set to the same value.
R14
ADC_CTRL2
0Eh
2:0
ADC_
SR[2:0]
000
ADC MCLK:LRCLK Ratio
000 = Auto detect
001 = 128fs
010 = 192fs
011 = 256fs
100 = 384fs
101 = 512fs
110 = 768fs
111 = Reserved
Figure 9 Slave Mode MCLK to LRCLK Ratio Control
DIGITAL AUDIO DATA SAMPLING RATES
In a typical digital audio system there is one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
master clock. The WM8599 uses independent master clocks for ADC and DACs. The external
master clocks can be applied directly to the ADCMCLK and DACMCLK input pins with no software
configuration necessary. In a system where there are a number of possible sources for the reference
clock, it is recommended that the clock source with the lowest jitter be used for the master clock to
optimise the performance of the WM8599.
In slave clocking mode the WM8599 has a master detection circuit that automatically determines the
relationship between the master clock frequency (ADCMCLK, DACMCLK) and the sampling rate
(ADCLRCLK, DACLRCLK), to within +/- 32 system clock periods. The master clocks must be
synchronised with the left/right clocks, although the device is tolerant of phase variations or jitter on
the master clocks.
The ADC supports master clock to sampling clock ratios of 256fs to 768fs and sampling rates of
32kHz to 96kHz, provided the internal signal processing of the ADC is programmed to operate at the
correct rate. The DACs support master clock to sampling clock ratios of 128fs to 1152fs and
sampling rates of 32kHz to 192kHz, provided the internal signal processing of the DACs is
programmed to operate at the correct rate.
Table 9 shows typical master clock frequencies and sampling rates supported by the WM8599 ADC.
Table 10 shows typical master clock frequencies and sampling rates supported by the WM8599
DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com