Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
27
DIGITAL MONOMIX CONTROL
Each DAC can be independently set to output a range of mono and stereo options. Each DAC output
channel can output left channel data, right channel data or a mix of left and right channel data.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
DAC1_CTRL1
02h
11:10
DAC1_OP
_MUX[1:0]
00
DAC1 Digital Monomix
00 = Stereo (Normal Operation)
01 = Mono (Left data to DAC1R)
10 = Mono (Right data to DAC1L)
11 = Digital Monomix, (L+R)/2
R7
DAC2_CTRL1
07h
11:10
DAC2_OP
_MUX[1:0]
00
DAC2 Digital Monomix
00 = Stereo (Normal Operation)
01 = Mono (Left data to DAC2R)
10 = Mono (Right data to DAC2L)
11 = Digital Monomix, (L+R)/2
Table 15 Digital Monomix Control
DE-EMPHASIS
A digital de-emphasis filter may be applied to the DAC outputs when the sampling frequency is
44.1kHz. The de-emphasis filter for each DAC can be applied independently.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
DAC1_CTRL1
02h
6
DAC1
_DEEMPH
0
DAC1 De-emphasis
0 = No de-emphasis
1 = Apply 44.1kHz de-emphasis
R7
DAC2_CTRL1
07h
6
DAC2
_DEEMPH
0
DAC2 De-emphasis
0 = No de-emphasis
1 = Apply 44.1kHz de-emphasis
Table 16 De-emphasis Control
CLOCK SWITCHING
The input clocks to the DAC (DACMCLK, DACBCLK, DACLRCLK) can be switched if the DACs are
required to source data from multiple DSPs or application processors. Uncontrolled switching of
clocks is not recommended.
The WM8599 can be configured to ignore the clock inputs so that the clocks can be switched
externally. This means that the WM8599 is not affected by any glitches that arise as a result of
switching clocks. The DAC should be configured to ignore the input clocks for the duration of the
period taken to switch the clocks.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38
DAC_CLK
26h
0
DAC_
SAFE_SW
0
DAC Clock Input Safe Switching
0 = Ignore DAC clock inputs
1 = Use DAC clock inputs
Table 17 DAC Clock Switching Control
ADC FEATURES
The WM8599 features a stereo 24-bit sigma-delta ADC with digital volume control with zero cross, a
selectable high pass filter to remove DC offsets, and support for both master and slave clocking
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com