Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
17
Figure 7 2-wire Read Protocol
AUTO-INCREMENT REGISTER READBACK
It is possible to read from multiple consecutive registers in continuous readback mode. Continuous
readback mode is selected by setting AUTO_INC.
In continuous readback mode, the WM8599 will return the indexed register first, followed by
consecutive registers in increasing index order until the controller issues a stop sequence.
Figure 8 2-Wire Auto-Increment Register Readback
REGISTER RESET
Any write to register R0 (00h) will reset the WM8599. All register bits are reset to their default values.
DEVICE ID AND REVISION
Reading from register R0 returns the device ID. Reading from register R1 returns the device revision
number.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0
DEVICE_ID
00h
15:0
DEVICE_ID
[15:0]
10000101
10011001
Device ID
A read of this register will return the device
ID, 0x8599.
R1
REVISION
01h
7:0
REVNUM
[7:0]
N/A
Device Revision
A read of this register will return the device
revision number. This number is sequentially
incremented if the device design is updated.
Table 6 Device ID and Revision Number
GLOBAL ENABLE CONTROL
The WM8599 includes a number of enable and disable mechanisms to allow the device to be
powered on and off in a pop-free manner. A global enable control bit enables the ADC, DAC and
analogue paths. For full details of pop-free operation, see ‘Pop and Click Performance’ on page 40.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12
ENABLE
0Ch
0
GLOBAL_
EN
0
Device Global Enable
0 = ADC, DAC and PGA ramp control
circuitry disabled
1 = ADC, DAC and PGA ramp control
circuitry enabled
Table 7 Global Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com