Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
VOUT1L_
SEL[2:0]
000
5:3
VOUT1R_
SEL[2:0]
001
R32
OUTPUT_
CTRL1
20h
8:6
VOUT2L_
SEL[2:0]
010
2:0
VOUT2R_
SEL[2:0]
011
5:3
VOUT3L_
SEL[2:0]
100
R33
OUTPUT_
CTRL2
21h
8:6
VOUT3R_
SEL[2:0]
101
Output Mux Selection
000 = PGA1L
001 = PGA1R
010 = PGA2L
011 = PGA2R
100 = PGA3L
101 = PGA3R
11X = Reserved
0
VOUT1L_
TRI
1
VOUT1R_
TRI
2
VOUT2L_
TRI
3
VOUT1R_
TRI
4
VOUT3L_
TRI
5
VOUT3R_
TRI
0
Output Amplifier Tristate Control
0 = Normal operation
1 = Output amplifier tristate enable (Hi-Z)
7
VOUT1L_
EN
8
VOUT1R_
EN
9
VOUT2L_
EN
10
VOUT2R_
EN
11
VOUT3L_
EN
R34
OUTPUT_
CTRL3
22h
12
VOUT3R_
EN
0
Output Amplifier Enables
0 = Output amplifier disabled
1 = Output amplifier enabled
Table 29 Output Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com