Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
26
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
DAC1L_VOL
05h
7:0
DAC1L
_VOL[7:0]
R6
DAC1R_VOL
06h
7:0
DAC1R
_VOL[7:0]
R10
DAC2L_VOL
0Ah
7:0
DAC2L
_VOL[7:0]
R11
DAC2R_VOL
0Bh
7:0
DAC2R
_VOL[7:0]
11001000
DAC Digital Volume
0000 0000 = -100dB
0000 0001 = -99.5dB
0000 0010 = -99dB
…0.5dB steps
1100 1000 = 0dB
…0.5dB steps
1101 1111 = +11.5dB
111X XXXX = +12dB
R5
DAC1L_VOL
05h
8
DAC1L_VU
R6
DAC1R_VOL
06h
8
DAC1R_VU
R10
DAC2L_VOL
0Ah
8
DAC2L_VU
R11
DAC2R_VOL
0Bh
8
DAC2R_VU
0
DAC Digital Volume Update
0 = Latch DAC volume setting into Register
Map but do not update volume
1 = Latch DAC volume setting into Register
Map and update left and right channels
simultaneously
R2
DAC1_CTRL1
02h
7
DAC1
_ZCEN
R7
DAC2_CTRL1
07h
7
DAC2
_ZCEN
1
DAC Digital Volume Control Zero Cross
Enable
0 = Do not use zero cross
1 = Use zero cross
Table 13 DAC Digital Volume Control
SOFTMUTE
A soft mute can be applied to DAC1 and DAC2 independently.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
DAC1_CTRL1
02h
9
DAC1_
MUTE
0
R7
DAC2_CTRL1
07h
9
DAC2_
MUTE
0
DAC Softmute
0 = Normal operation
1 = Softmute applied
Table 14 DAC Softmute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com