Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
20
MASTER CLOCK FREQUENCY (MHZ)
Sampling
Rate
(ADCLRCLK)
256fs
384fs
512fs
768fs
32kHz
8.192
12.288
16.384
24.576
44.1kHz
11.2896
16.9344
22.5792
33.8688
48kHz
12.288
18.432
24.576
36.864
88.2kHz
22.5792
33.8688
Unavailable
Unavailable
96kHz
24.576
Unavailable
Unavailable
Unavailable
Table 9 ADC Master Clock Frequency Versus Sampling Rate
MASTER CLOCK FREQUENCY (MHZ)
Sampling Rate
(DACLRCLK)
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
32kHz
Unavailable
Unavailable
8.192
12.288
16.384
24.576
36.864
44.1kHz
Unavailable
8.4672
11.2896
16.9344
22.5792
33.8688
Unavailable
48kHz
Unavailable
9.216
12.288
18.432
24.576
36.864
Unavailable
88.2kHz
11.2896
16.9344
22.5792
33.8688
Unavailable
Unavailable
Unavailable
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
Unavailable
176.4kHz
22.5792
33.8688
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
Table 10 DAC Master Clock Frequency Versus Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com